Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5668EF1AVMG Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMG
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMG Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMG Datasheet HTML 55Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 58Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 59Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
Electrical Characteristics
MPC5668x Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
59
4.14.8.3
MII Async Inputs Signal Timing (CRS and COL)
Figure 28. MII Async Inputs Timing Diagram
4.14.8.4
MII Serial Management Channel Timing (MDIO and MDC)
The FEC functions correctly with a maximum MDC frequency of 2.5 MHz.
Table 35. MII Async Inputs Signal Timing1
1 Output pads configured with SRC = 0b11.
Spec
Characteristic
Min
Max
Unit
M9
CRS, COL minimum pulse width
1.5
—
TX_CLK period
Table 36. MII Serial Management Channel Timing1
1 Output pads configured with SRC = 0b11.
Spec
Characteristic
Min
Max
Unit
M10
MDC falling edge to MDIO output invalid (minimum propagation delay)
0
—
ns
M11
MDC falling edge to MDIO output valid (max prop delay)
—
25
ns
M12
MDIO (input) to MDC rising edge setup
10
—
ns
M13
MDIO (input) to MDC rising edge hold
0
—
ns
M14
MDC pulse width high
40%
60%
MDC period
M15
MDC pulse width low
40%
60%
MDC period
CRS, COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com