Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5668EF1AVMG Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMG
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMG Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMG Datasheet HTML 43Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 44Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 45Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 46Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 47Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 48Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 49Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Electrical Characteristics
MPC5668x Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
47
4.14.4
Nexus Debug Interface
Figure 13. Nexus Output Timing
Table 27. Nexus Debug Port Timing1
1 JTAG specifications in this table apply when used for debug functionality. All Nexus timing relative to MCKO is measured from
50% of MCKO and 50% of the respective signal. Nexus timing specified at VDDE =3.0–5.5 V, TA =TL to TH, and CL =30pF
with SRC = 0b11.
Spec
Characteristic
Symbol
Min
Max
Unit
1
MCKO Cycle Time
tMCYC
15.6
—
ns
2
MCKO Duty Cycle
tMDC
40
60
%
3
MCKO Low to MDO, MSEO, EVTO Data Valid2
2 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
tMDOV
–0.1
0.25
tMCYC
4
EVTI Pulse Width
tEVTIPW
4.0
—
tTCYC
5
EVTO Pulse Width
tEVTOPW
1tMCYC
6
TCK Cycle Time3
3 The system clock frequency needs to be three times faster than the TCK frequency.
tTCYC
40
—
ns
7
TCK Duty Cycle
tTDC
40
60
%
8
TDI, TMS Data Setup Time
tNTDIS, tNTMSS
8—
ns
9
TDI, TMS Data Hold Time
tNTDIH, tNTMSH
5—
ns
10
TCK Low to TDO Data Valid
tJOV
025
ns
1
2
MCKO
MDO
MSEO
EVTO
Output Data Valid
3
EVTI
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com