Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5668EF1AVMG Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMG
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMG Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMG Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 12Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 13Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 14Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 15Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
MPC5668x Microcontroller Data Sheet, Rev. 6
Pin Assignments
Freescale Semiconductor
12
PC4
PC[4]
AN[36]
36
00
01
10
11
Port C GPIO
ADC Analog Input
—
—
I/O
I
—
—
VDDE1
SHA
—
—
D8
D8
PC5
PC[5]
AN[37]
Z6NMI
37
00
01
10
11
Port C GPIO
ADC Analog Input
Z6 Core Non-Maskable Interrupt
—
I/O
I
I
—
VDDE1
SHA
—
—
C6
C6
PC6
PC[6]
AN[38]
Z0NMI
38
00
01
10
11
Port C GPIO
ADC Analog Input
Z0 Core Non-Maskable Interrupt
—
I/O
I
I
—
VDDE1
SHA
—
—
C7
C7
PC7
PC[7]
AN[39]
FR_DBG3
39
00
01
10
11
Port C GPIO
ADC Analog Input
FlexRay Debug
—
I/O
I
O
—
VDDE1
SHA
—
—
A6
A6
PC8
PC[8]
AN[40]
FR_DBG2
40
00
01
10
11
Port C GPIO
ADC Analog Input
FlexRay Debug
—
I/O
I
O
—
VDDE1
SHA
—
—
B6
B6
PC9
PC[9]
AN[41]
FR_DBG1
41
00
01
10
11
Port C GPIO
ADC Analog Input
FlexRay Debug
—
I/O
I
O
—
VDDE1
SHA
—
—
A5
A5
PC10
PC[10]
AN[42]
FR_DBG0
42
00
01
10
11
Port C GPIO
ADC Analog Input
FlexRay Debug
—
I/O
I
O
—
VDDE1
SHA
—
—
B5
B5
PC11
PC[11]
AN[43]
SCL_C
—
43
00
01
10
11
Port C GPIO
ADC Analog Input
I2C_C Serial Clock
—
I/O
I
I/O
—
VDDE1
SHA
—
—
B4
B4
PC12
PC[12]
AN[44]
SDA_C
—
44
00
01
10
11
Port C GPIO
ADC Analog Input
I2C_C Serial Data
—
I/O
I
I/O
—
VDDE1
SHA
—
—
A4
A4
PC13
PC[13]
AN[45]
—
MA[0]
45
00
01
10
11
Port C GPIO
ADC Analog Input
—
ADC Ext. Mux Address Select
I/O
I
—
O
VDDE1
SHA
—
—
C5
C5
PC14
PC[14]
AN[46]
MA[1]
—
46
00
01
10
11
Port C GPIO
ADC Analog Input
ADC Ext. Mux Address Select
—
I/O
I
—
O
VDDE1
SHA
—
—
C4
C4
Table 2. MPC5668x Signal Properties (continued)
Pin
Name1
Supported
Functions2
GPIO
(PCR)
Num3
PA4
Description
I/O
Type
Volt-
age
Pad
Type5
Status
Package Pin
Locations
During
Reset6
After
Reset7
208
BGA
256
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com