Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5668EF1AVMG Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # SPC5668EF1AVMG
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5668EF1AVMG Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button SPC5668EF1AVMG Datasheet HTML 26Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 27Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 28Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 29Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 30Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 31Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 32Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 33Page - Freescale Semiconductor, Inc SPC5668EF1AVMG Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
MPC5668x Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
30
4.3
ESD Characteristics
4.4
VRC Electrical Specifications
4.5
DC Electrical Specifications
Table 6. ESD Ratings1, 2
1 All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2 A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device specification
requirements. Complete DC parametric and functional testing shall be performed per applicable device specification at room
temperature followed by hot temperature, unless specified otherwise in the device specification.
Characteristic
Symbol
Value
Unit
ESD for Human Body Model (HBM)
2000
V
HBM Circuit Description
R1
1500
Ohm
C100
pF
ESD for Field Induced Charge Model (FDCM)
750 (corner pins)
V
250 (all other pins)
Number of Pulses per pin:
Positive Pulses (HBM)
Negative Pulses (HBM)
—
—
1
1
—
—
Interval of Pulses
—
1
second
Table 7. VRC Electrical Specifications
Spec
Characteristic
Symbol
Min
Max
Units
1
Current which can be sourced by VRCCTL
I_VRCCTL
6.25 µA
20 mA
—
2
Minimum Required Gain from external circuit:
IDD / I_VRCCTL (@VDD =1.32V)
1
–40
C
25
C
150
C
1 Assumes “typical usage” currents which will vary with application.
BETA
50
50
50
500
Table 8. DC Electrical Specifications
Spec
Characteristic
Symbol
Min
Max
Unit
1
Maximum Operating Temperature Range — Die Junction Temperature
TJ
–40.0
150.0
oC
2
3.3 V Clock Synthesizer Voltage1
VDDSYN
3.0
3.6
V
3
3.3 V I/O Buffer Voltage1
VDD33
3.0
3.6
V
4
3.3–5.0 V Voltage Regulator Reference Voltage1
VRCSEL =VSSA
VRCSEL =VDDA
VVRC
3.0
4.5
3.6
5.5
V
5
3.3–5.0 V Analog Supply Voltage
VDDA
maximum of
3.0 V or
VVRC –0.1
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com