Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-I/ST Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC16F676-I/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-I/ST Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC16F676-I/ST Datasheet HTML 43Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 44Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 45Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 46Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 47Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 48Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 49Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 50Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 47
PIC16F630/676
REGISTER 7-1:
ADCON0 — A/D CONTROL REGISTER (ADDRESS: 1Fh)
REGISTER 7-2:
ADCON1 — A/D CONTROL REGISTER 1 (ADRESS: 9Fh)
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADFM
VCFG
—
CHS2
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
bit 7
ADFM: A/D Result Formed Select bit
1 = Right justified
0 = Left justified
bit 6
VCFG: Voltage Reference bit
1 = VREF pin
0 = VDD
bit 5
Unimplemented: Read as zero
bit 4-2
CHS2:CHS0: Analog Channel Select bits
000 = Channel 00 (AN0)
001 = Channel 01 (AN1)
010 = Channel 02 (AN2)
011 = Channel 03 (AN3)
100 = Channel 04 (AN4)
101 = Channel 05 (AN5)
110 = Channel 06 (AN6)
111 = Channel 07 (AN7)
bit 1
GO/DONE: A/D Conversion Status bit
1 = A/D conversion cycle in progress. Setting this bit starts an A/D conversion cycle.
This bit is automatically cleared by hardware when the A/D conversion has completed.
0 = A/D conversion completed/not in progress
bit 0
ADON: A/D Conversion Status bit
1 = A/D converter module is operating
0 = A/D converter is shut-off and consumes no operating current
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
—
ADCS2
ADCS1
ADCS0
—
—
—
—
bit 7
bit 0
bit 7:
Unimplemented: Read as ‘0’
bit 6-4:
ADCS<2:0>: A/D Conversion Clock Select bits
000 =FOSC/2
001 =FOSC/8
010 =FOSC/32
x11 =FRC (clock derived from a dedicated internal oscillator = 500 kHz max)
100 =FOSC/4
101 =FOSC/16
110 =FOSC/64
bit 3-0:
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com