| Electronic Components Datasheet Search |
|
PIC16F676-I/ST Datasheet(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F676-I/ST Datasheet(HTML) 65 Page - Microchip Technology |
|
65 / 132 page ![]() 2010 Microchip Technology Inc. DS40039F-page 65 PIC16F630/676 9.4 Interrupts The PIC16F630/676 has 7 sources of interrupt: • External Interrupt RA2/INT • TMR0 Overflow Interrupt • PORTA Change Interrupts • Comparator Interrupt • A/D Interrupt (PIC16F676 only) • TMR1 Overflow Interrupt • EEPROM Data Write Interrupt The Interrupt Control register (INTCON) and Peripheral Interrupt register (PIR) record individual interrupt requests in flag bits. The INTCON register also has individual and Global Interrupt Enable bits. A Global Interrupt Enable bit, GIE (INTCON<7>) enables (if set) all unmasked interrupts, or disables (if cleared) all interrupts. Individual interrupts can be disabled through their corresponding enable bits in INTCON register and PIE register. GIE is cleared on Reset. The return from interrupt instruction, RETFIE, exits interrupt routine, as well as sets the GIE bit, which re- enables unmasked interrupts. The following interrupt flags are contained in the INTCON register: • INT pin interrupt • PORTA change interrupt • TMR0 overflow interrupt The peripheral interrupt flags are contained in the special register PIR1. The corresponding interrupt enable bit is contained in Special Register PIE1. The following interrupt flags are contained in the PIR register: • EEPROM data write interrupt • A/D interrupt • Comparator interrupt • Timer1 overflow interrupt When an interrupt is serviced: • The GIE is cleared to disable any further interrupt • The return address is pushed onto the stack • The PC is loaded with 0004h Once in the Interrupt Service Routine, the source(s) of the interrupt can be determined by polling the interrupt flag bits. The interrupt flag bit(s) must be cleared in soft- ware before re-enabling interrupts to avoid RA2/INT recursive interrupts. For external interrupt events, such as the INT pin, or PORTA change interrupt, the interrupt latency will be three or four instruction cycles. The exact latency depends upon when the interrupt event occurs (see Figure 9-11). The latency is the same for one or two- cycle instructions. Once in the Interrupt Service Routine, the source(s) of the interrupt can be determined by polling the interrupt flag bits. The interrupt flag bit(s) must be cleared in software before re-enabling interrupts to avoid multiple interrupt requests. Note 1: Individual interrupt flag bits are set, regardless of the status of their corresponding mask bit or the GIE bit. 2: When an instruction that clears the GIE bit is executed, any interrupts that were pending for execution in the next cycle are ignored. The interrupts which were ignored are still pending to be serviced when the GIE bit is set again. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |