| Electronic Components Datasheet Search |
|
PIC16F676-I/ST Datasheet(PDF) 89 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F676-I/ST Datasheet(HTML) 89 Page - Microchip Technology |
|
89 / 132 page ![]() 2010 Microchip Technology Inc. DS40039F-page 89 PIC16F630/676 12.2 DC Characteristics: PIC16F630/676-I (Industrial) Standard Operating Conditions (unless otherwise stated) Operating temperature -40 C TA +85C for industrial Param No. Device Characteristics Min Typ† Max Units Conditions VDD Note D010 Supply Current (IDD) —9 16 A2.0 FOSC = 32 kHz LP Oscillator Mode —18 28 A3.0 —35 54 A5.0 D011 — 110 150 A2.0 FOSC = 1 MHz XT Oscillator Mode — 190 280 A3.0 — 330 450 A5.0 D012 — 220 280 A2.0 FOSC = 4 MHz XT Oscillator Mode — 370 650 A3.0 — 0.6 1.4 mA 5.0 D013 — 70 110 A2.0 FOSC = 1 MHz EC Oscillator Mode — 140 250 A3.0 — 260 390 A5.0 D014 — 180 250 A2.0 FOSC = 4 MHz EC Oscillator Mode — 320 470 A3.0 — 580 850 A5.0 D015 — 340 450 A2.0 FOSC = 4 MHz INTOSC Mode — 500 780 A3.0 — 0.8 1.1 mA 5.0 D016 — 180 250 A2.0 FOSC = 4 MHz EXTRC Mode — 320 450 A3.0 — 580 800 A5.0 D017 — 2.1 2.95 mA 4.5 FOSC = 20 MHz HS Oscillator Mode — 2.4 3.0 mA 5.0 † Data in “Typ” column is at 5.0V, 25 C unless otherwise stated. These parameters are for design guidance only and are not tested. Note 1: The test conditions for all IDD measurements in Active Operation mode are: OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled. 2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the current consumption. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |