| Electronic Components Datasheet Search |
|
PIC16F676-I/ST Datasheet(PDF) 92 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F676-I/ST Datasheet(HTML) 92 Page - Microchip Technology |
|
92 / 132 page ![]() PIC16F630/676 DS40039F-page 92 2010 Microchip Technology Inc. 12.5 DC Characteristics: PIC16F630/676-E (Extended) Standard Operating Conditions (unless otherwise stated) Operating temperature -40 C TA +125C for extended Param No. Device Characteristics Min Typ† Max Units Conditions VDD Note D020E Power-down Base Current (IPD) — 0.00099 3.5 A 2.0 WDT, BOD, Comparators, VREF, and T1OSC disabled — 0.0012 4.0 A3.0 — 0.0029 8.0 A5.0 D021E — 0.3 6.0 A 2.0 WDT Current(1) —1.8 9.0 A3.0 —8.4 20 A5.0 D022E — 58 70 A 3.0 BOD Current(1) —109 130 A5.0 D023E — 3.3 10 A 2.0 Comparator Current(1) —6.1 13 A3.0 —11.5 24 A5.0 D024E — 58 70 A2.0 CVREF Current(1) —85 100 A3.0 —138 165 A5.0 D025E — 4.0 10 A2.0 T1 OSC Current(1) —4.6 12 A3.0 —6.0 20 A5.0 D026E — 0.0012 6.0 A 3.0 A/D Current(1) — 0.0022 8.5 A5.0 † Data in “Typ” column is at 5.0V, 25 C unless otherwise stated. These parameters are for design guidance only and are not tested. Note 1: The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is enabled. The peripheral current can be determined by subtracting the base IDD or IPD current from this limit. Max values should be used when calculating total current consumption. 2: The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |