Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-I/ST Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16F676-I/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-I/ST Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16F676-I/ST Datasheet HTML 75Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 76Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 77Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 78Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 79Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 80Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 81Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 82Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 79
PIC16F630/676
RLF
Rotate Left f through Carry
Syntax:
[ label ] RLF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
See description below
Status Affected:
C
Description:
The contents of register ‘f’ are rotated
one bit to the left through the Carry
Flag. If ‘d’ is 0, the result is placed in
the W register. If ‘d’ is 1, the result is
stored back in register ‘f’.
RETURN
Return from Subroutine
Syntax:
[ label ] RETURN
Operands:
None
Operation:
TOS
 PC
Status Affected:
None
Description:
Return from subroutine. The stack
is POPed and the top of the stack
(TOS) is loaded into the program
counter. This is a two-cycle
instruction.
RRF
Rotate Right f through Carry
Syntax:
[ label ] RRF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
See description below
Status Affected:
C
Description:
The contents of register ‘f’ are
rotated one bit to the right through
the Carry Flag. If ‘d’ is 0, the result
is placed in the W register. If ‘d’ is
1, the result is placed back in
register ‘f’.
Register f
C
Register f
C
SLEEP
Syntax:
[ label ] SLEEP
Operands:
None
Operation:
00h
 WDT,
0
 WDT prescaler,
1
 TO,
0
 PD
Status Affected:
TO, PD
Description:
The power-down Status bit, PD is
cleared. Time-out Status bit, TO
is set. Watchdog Timer and its
prescaler are cleared.
The processor is put into Sleep
mode with the oscillator stopped.
SUBLW
Subtract W from Literal
Syntax:
[ label ] SUBLW k
Operands:
0
k 255
Operation:
k - (W)
W)
Status Affected: C, DC, Z
Description:
The W register is subtracted (2’s
complement method) from the
eight-bit literal ‘k’. The result is
placed in the W register.
SUBWF
Subtract W from f
Syntax:
[ label ] SUBWF f,d
Operands:
0
f 127
d
 [0,1]
Operation:
(f) - (W)
destination)
Status
Affected:
C, DC, Z
Description:
Subtract (2’s complement method)
W register from register ‘f’. If ‘d’ is
0, the result is stored in the W
register. If ‘d’ is 1, the result is
stored back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com