Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-I/ST Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC16F676-I/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-I/ST Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC16F676-I/ST Datasheet HTML 86Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 87Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 88Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 89Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 90Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 91Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 92Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 93Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 132 page
background image
PIC16F630/676
DS40039F-page 90
 2010 Microchip Technology Inc.
12.3
DC Characteristics: PIC16F630/676-I (Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
C  TA  +85C for industrial
Param
No.
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D020
Power-down Base Current
(IPD)
—
0.99
700
nA
2.0
WDT, BOD, Comparators, VREF,
and T1OSC disabled
—
1.2
770
nA
3.0
—
2.9
995
nA
5.0
D021
—
0.3
1.5
A
2.0
WDT Current(1)
—1.8
3.5
A3.0
—8.4
17
A5.0
D022
—
58
70
A
3.0
BOD Current(1)
—109
130
A5.0
D023
—
3.3
6.5
A
2.0
Comparator Current(1)
—6.1
8.5
A3.0
—11.5
16
A5.0
D024
—
58
70
A2.0
CVREF Current(1)
—85
100
A3.0
—138
160
A5.0
D025
—
4.0
6.5
A
2.0
T1 OSC Current(1)
—4.6
7.0
A3.0
—
6.0
10.5
A5.0
D026
—
1.2
755
nA
3.0
A/D Current(1)
—
0.0022
1.0
A5.0
† Data in “Typ” column is at 5.0V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this
peripheral is enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD
current from this limit. Max values should be used when calculating total current consumption.
2: The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com