Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-I/ST Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC16F676-I/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-I/ST Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC16F676-I/ST Datasheet HTML 81Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 82Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 83Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 84Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 85Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 86Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 87Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 88Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 85
PIC16F630/676
12.0 ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings†
Ambient temperature under bias........................................................................................................... -40 to +125°C
Storage temperature ........................................................................................................................ -65°C to +150°C
Voltage on VDD with respect to VSS ..................................................................................................... -0.3 to +6.5V
Voltage on MCLR with respect to Vss ..................................................................................................-0.3 to +13.5V
Voltage on all other pins with respect to VSS ........................................................................... -0.3V to (VDD + 0.3V)
Total power dissipation(1) ............................................................................................................................... 800 mW
Maximum current out of VSS pin ..................................................................................................................... 300 mA
Maximum current into VDD pin ........................................................................................................................ 250 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
20 mA
Output clamp current, IOK (Vo < 0 or Vo >VDD)
20 mA
Maximum output current sunk by any I/O pin.................................................................................................... 25 mA
Maximum output current sourced by any I/O pin .............................................................................................. 25 mA
Maximum current sunk by PORTA and PORTC (combined) .......................................................................... 200 mA
Maximum current sourced PORTA and PORTC (combined) .......................................................................... 200 mA
Note 1: Power dissipation is calculated as follows: PDIS = VDD x {IDD -
 IOH} +  {(VDD-VOH) x IOH} + (VOl x IOL).
† NOTICE: Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Note:
Voltage spikes below VSS at the MCLR pin, inducing currents greater than 80 mA, may cause latch-up.
Thus, a series resistor of 50-100 should be used when applying a “low” level to the MCLR pin, rather than
pulling this pin directly to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com