Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-I/ST Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16F676-I/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-I/ST Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16F676-I/ST Datasheet HTML 65Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 66Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 67Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 68Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 69Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 70Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 71Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 72Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 69
PIC16F630/676
FIGURE 9-12:
WATCHDOG TIMER BLOCK DIAGRAM
TABLE 9-9:
SUMMARY OF WATCHDOG TIMER REGISTERS
T0CKI
T0SE
pin
CLKOUT
TMR0
Watchdog
Timer
WDT
Time-out
PS0 - PS2
WDTE
Data Bus
Set Flag bit T0IF
on Overflow
T0CS
Note 1: T0SE, T0CS, PSA, PS0-PS2 are bits in the OPTION register.
0
1
0
1
0
1
SYNC 2
Cycles
8
8
8-bit
Prescaler
0
1
(= FOSC/4)
PSA
PSA
PSA
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Value on all
other
Resets
81h
OPTION_REG RAPU INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111 1111 1111
2007h
Config. bits
CP
BODEN MCLRE PWRTE WDTE F0SC2
F0SC1
F0SC0
uuuu uuuu uuuu uuuu
Legend: u = Unchanged, shaded cells are not used by the Watchdog Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com