Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-I/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F676-I/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-I/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F676-I/ST Datasheet HTML 8Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 9Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 10Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 11Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 12Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 13Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 14Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 15Page - Microchip Technology PIC16F676-I/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 132 page
background image
PIC16F630/676
DS40039F-page 12
 2010 Microchip Technology Inc.
TABLE 2-2:
PIC16F630/676 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2
Bit 1Bit 0
Value on
POR,
BOD
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
20,63
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
14,32
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
19
83h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
ZDC
C
0001 1xxx
13
84h
FSR
Indirect data memory Address Pointer
xxxx xxxx
20
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
21
86h
—
Unimplemented
—
—
87h
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
—
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
19
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000
15
8Ch
PIE1
EEIE
ADIE
—
—CMIE
—
—TMR1IE
00-- 0--0
16
8Dh
—
Unimplemented
—
—
8Eh
PCON
—
—
—
—
—
—POR
BOD
---- --qq
18
8Fh
—
—
90h
OSCCAL
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
—
—
1000 00--
18
91h
ANSEL(3)
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
48
92h
—
Unimplemented
—
—
93h
—
Unimplemented
—
—
94h
—
Unimplemented
—
—
95h
WPUA
—
—
WPUA5
WPUA4
—
WPUA2
WPUA1
WPUA0
--11 -111
22
96h
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000
23
97h
—
Unimplemented
—
—
98h
—
Unimplemented
—
—
99h
VRCON
VREN
—VRR
—
VR3
VR2
VR1
VR0
0-0- 0000
44
9Ah
EEDAT
EEPROM data register
0000 0000
51
9Bh
EEADR
—
EEPROM address register
0000 0000
51
9Ch
EECON1
—
—
—
—
WRERR
WREN
WR
RD
---- x000
52
9Dh
EECON2
EEPROM control register 2 (not a physical register)
---- ----
51
9Eh
ADRESL(3)
Least Significant 2 bits of the left shifted result or 8 bits of the right shifted result
xxxx xxxx
46
9Fh
ADCON1(3)
—
ADCS2
ADCS1
ADCS0
—
—
—
—
-000 ----
47,63
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note 1:
Other (non Power-up) Resets include MCLR Reset, Brown-out Detect and Watchdog Timer Reset during normal operation.
2:
IRP and RP1 bits are reserved, always maintain these bits clear.
3:
PIC16F676 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com