Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACMSP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F107ACMSP
Description  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACMSP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F107ACMSP Datasheet HTML 1Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 2Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 3Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 4Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 5Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 6Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 7Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 8Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
RL78/G1C
1.
OUTLINE
Page 4 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
1.3
Pin Configuration (Top View)
1.3.1
32-pin products
• 32-pin plastic HWQFN (5 × 5 mm, 0.5 mm pitch)
(1) USB function: Host/Function controller (R5F10JBC)
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
24 23 22 21 20 19 18 17
1 2 3 4 5 6 7 8
P24/ANI4
P23/ANI3
P22/ANI2
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P01/ANI16/TO00/INTP9/SCK01/SCL01/(SCLA0)
P00/ANI17/TI00/INTP8/SI01/SDA01/(SDAA0)
P120/ANI19/SO01/(PCLBUZ1)
P51/INTP2/SO00/TxD0/TOOLTxD/(TI01)/(TO01)
P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/(TI02)/(TO02)
P30/INTP3/SCK00/SCL00/(TI03)/(TO03)/(PCLBUZ0)
P70/PCLBUZ1/UOVRCUR0
P31/TI03/TO03/INTP4/PCLBUZ0/UVBUSEN0
P62
P61/SDAA0
P60/SCLA0
exposed die pad
INDEX MARK
Caution
Connect the REGC pin to Vss via a capacitor (0.47 to 1
μF).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR). Refer to Figure 4-8. Format of Peripheral I/O Redirection Register
(PIOR) in the RL78/G1C User’s Manual: Hardware.
3. It is recommended to connect an exposed die pad to VSS.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com