Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACMSP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F107ACMSP
Description  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACMSP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F107ACMSP Datasheet HTML 1Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 2Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 3Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 4Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 5Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 6Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 7Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 8Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
Datasheet
RL78/G1C
RENESAS MCU
Integrated USB Controller, True Low Power Platform (as low as 112.5 µA/MHz, and 0.61 µA for RTC + LVD),
2.4 V to 5.5 V Operation, 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All USB Based Applications
Page 1 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
1.
OUTLINE
1.1
Features
Ultra-Low Power Technology
• 2.4 V to 5.5 V operation from a single supply
• Stop (RAM retained): 0.23 µA, (LVD enabled): 0.31 µA
• Halt (RTC + LVD): 0.57 µA
• Supports snooze
• Operating: 71 µA/MHz
16-bit RL78 CPU Core
• Delivers 31 DMIPS at maximum operating frequency
of 24 MHz
• Instruction Execution: 86% of instructions can be
executed in 1 to 2 clock cycles
• CISC Architecture (Harvard) with 3-stage pipeline
• Multiply Signed & Unsigned: 16 x 16 to 32-bit result in
1 clock cycle
• MAC: 16 x 16 to 32-bit result in 2 clock cycles
• 16-bit barrel shifter for shift & rotate in 1 clock cycle
• 1-wire on-chip debug function
Code Flash Memory
• Density: 32 KB
• Block size: 1 KB
• On-chip single voltage flash memory with protection
from block erase/writing
• Self-programming with secure boot swap function
and flash shield window function
Data Flash Memory
• Data Flash with background operation
• Data flash size: 2 KB
• Erase Cycles: 1 Million (typ.)
• Erase/programming voltage: 2.4 V to 5.5 V
RAM
• 5.5 KB size options
• Supports operands or instructions
• Back-up retention in all modes
High-speed On-chip Oscillator
• 24 MHz with +/− 1% accuracy over voltage (2.4 V to
5.5 V) and temperature (
−20°C to +85°C)
• Pre-configured settings: 48 MHz, 24 MHz (TYP.)
Reset and Supply Management
• Power-on reset (POR) monitor/generator
• Low voltage detection (LVD) with 9 setting options
(Interrupt and/or reset function)
USB
• Complying with USB version 2.0, incorporating
host/function controller
• Corresponding to full-speed transfer (12 Mbps) and
low-speed (1.5 Mbps)
• Complying with Battery Charging Specification
Revision 1.2
• Compliant with the 2.1A/1.0A charging mode
prescribed in the Apple Inc. MFi specification in the
USB power supply component specification
Note
Direct Memory Access (DMA) Controller
• Up to 2 fully programmable channels
• Transfer unit: 8- or 16-bit
Multiple Communication Interfaces
• Up to 2 x I2C master
• Up to 1 x I2C multi-master
• Up to 2 x CSI (7-, 8-bit)
• Up to 1 x UART (7-, 8-, 9-bit)
Extended-Function Timers
• Multi-function 16-bit timer TAU: Up to 4 channels
(remote control output available)
• Real-time clock (RTC): 1 channel (full calendar and
alarm function with watch correction function)
• 12-bit interval timer: 1 channel
• 15 kHz watchdog timer: 1 channel (window function)
Rich Analog
• ADC: Up to 9 channels, 8/10-bit resolution, 2.1 µs
minimum conversion time
• Internal voltage reference (1.45 V)
• On-chip temperature sensor
Safety Features (IEC or UL 60730 compliance)
• Flash memory CRC calculation
• RAM parity error check
• RAM write protection
• SFR write protection
• Illegal memory access detection
• Clock stop/frequency detection
• ADC self-test
• I/O port read back function (echo)
General Purpose I/O
• 5 V tolerant, high-current (up to 20 mA per pin)
• Open-Drain, Internal Pull-up support
Operating Ambient Temperature
• Standard:
−40°C to + 85°C
• Extended:
−40°C to + 105°C
Package Type and Pin Count
• 32-pin plastic HWQFN (5 x 5)
• 32-pin plastic LQFP (7 x 7)
• 48-pin plastic LFQFP (7 x 7)
• 48-pin plastic HWQFN (7 x 7)
Note
To use the Apple Inc. battery charging mode, you must
join in Apple's Made for iPod/iPhone/iPad (MFi)
licensing program. Before requesting this specification
from Renesas Electronics, please join in the Apple's
MFi licensing program.
<R>


Similar Part No. - R5F107ACMSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F107ACMSP#V0 RENESAS-R5F107ACMSP#V0 Datasheet
1Mb / 109P
RENESAS MCU
Rev.3.30 Mar 31, 2023
R5F107ACMSP#X0 RENESAS-R5F107ACMSP#X0 Datasheet
1Mb / 109P
RENESAS MCU
Rev.3.30 Mar 31, 2023
More results

Similar Description - R5F107ACMSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L15XQC STMICROELECTRONICS-STM32L15XQC Datasheet
1Mb / 134P
Ultra-low-power platform
18-Mar-2016
STM32L062K8 STMICROELECTRONICS-STM32L062K8 Datasheet
1Mb / 118P
Ultra-low-power platform
07-Mar-2017
STM32L063C8 STMICROELECTRONICS-STM32L063C8 Datasheet
1Mb / 121P
Ultra-low-power platform
22-Mar-2016
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
Ultra-low-power platform
28-Apr-2016
STM32L151XE STMICROELECTRONICS-STM32L151XE Datasheet
1Mb / 134P
Ultra-low-power platform
09-Feb-2016
STM32L162VC STMICROELECTRONICS-STM32L162VC Datasheet
1Mb / 123P
Ultra-low-power platform
10-Mar-2016
STM32L162XE STMICROELECTRONICS-STM32L162XE Datasheet
1Mb / 129P
Ultra-low-power platform
09-Feb-2016
logo
Renesas Technology Corp
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
True Low Power Platform
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
True Low Power Platform
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
True Low Power Platform
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com