Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACMSP Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R5F107ACMSP
Description  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACMSP Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R5F107ACMSP Datasheet HTML 75Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 76Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 77Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 78Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 79Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 80Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 81Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 82Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 107 page
background image
RL78/G1C
3.
ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105
°C)
Page 79 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
Absolute Maximum Ratings (TA = 25
°C) (2/2)
Parameter
Symbols
Conditions
Ratings
Unit
Per pin
P00, P01, P14 to P17, P30, P31,
P40, P41, P50, P51, P70 to P75,
P120, P130, P140
−40
mA
P00, P01, P40, P41, P120,
P130, P140
−70
mA
IOH1
Total of all pins
−170 mA
P14 to P17, P30, P31,
P50, P51, P70 to P75
−100
mA
Per pin
−0.5
mA
Output current, high
IOH2
Total of all pins
P20 to P27
−2
mA
Per pin
P00, P01, P14 to P17, P30, P31,
P40, P41, P50, P51, P60 to P63,
P70 to P75, P120, P130, P140
40
mA
P00, P01, P40, P41, P120,
P130, P140
70
mA
IOL1
Total of all pins
170 mA
P14 to P17, P30, P31,
P50, P51, P60 to P63, P70 to P75
100
mA
Per pin
1
mA
Output current, low
IOL2
Total of all pins
P20 to P27
5
mA
In normal operation mode
Operating ambient
temperature
TA
In flash memory programming mode
−40 to +105 Note
°C
Storage temperature
Tstg
−65 to +150
°C
Note
Total operating time in 85
°C to 105°C: 10,000 hours
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com