Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACMSP Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # R5F107ACMSP
Description  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACMSP Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button R5F107ACMSP Datasheet HTML 80Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 81Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 82Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 83Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 84Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 85Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 86Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 87Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 107 page
background image
RL78/G1C
3.
ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105
°C)
Page 84 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
(TA =
−40 to +105°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VIH1
P00, P01, P14 to P17,
P30, P31, P40, P41, P50, P51, P70
to P75, P120, P140
Normal input buffer
0.8VDD
VDD
V
TTL input buffer
4.0 V
≤ VDD ≤ 5.5 V
2.2
VDD
V
TTL input buffer
3.3 V
≤ VDD < 4.0 V
2.0
VDD
V
VIH2
P00, P01, P30, P50
TTL input buffer
2.4 V
≤ VDD < 3.3 V
1.5
VDD
V
VIH3
P20 to P27
0.7VDD
VDD
V
VIH4
P60 to P63
0.7VDD
6.0
V
Input voltage,
high
VIH5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0.8VDD
VDD
V
VIL1
P00, P01, P14 to P17, P30, P31,
P40, P41, P50, P51, P70 to P75,
P120, P140
Normal input buffer
0
0.2VDD
V
TTL input buffer
4.0 V
≤ VDD ≤ 5.5 V
0
0.8
V
TTL input buffer
3.3 V
≤ VDD < 4.0 V
0
0.5
V
VIL2
P00, P01, P30, P50
TTL input buffer
2.4 V
≤ VDD < 3.3 V
0
0.32
V
VIL3
P20 to P27
0
0.3VDD
V
VIL4
P60 to P63
0
0.3VDD
V
Input voltage,
low
VIL5
P121 to P124, P137, EXCLK, EXCLKS, RESET
0
0.2VDD
V
Caution
The maximum value of VIH of pins P00, P01, P30, and P74 is VDD, even in the N-ch open-drain
mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com