Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACMSP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F107ACMSP
Description  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACMSP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F107ACMSP Datasheet HTML 6Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 7Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 8Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 9Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 10Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 11Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 12Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 13Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
RL78/G1C
1.
OUTLINE
Page 10 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
• 48-pin plastic WHQFN (7 × 7, 0.5 mm pitch)
(1) USB function: Host/Function controller (R5F10JGC)
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
36 35 34 33 32 31 30 29 28 27 26 25
1 2 3 4 5 6 7 8 9 10 11 12
UDP0
UDM0
UVBUS
UVDD
UDP1
UDM1
P14/UOVRCUR0
P15/PCLBUZ1/UVBUSEN0
P16/TI01/TO01/INTP5/UOVRCUR1
P17/TI02/TO02/UVBUSEN1
P51/INTP2/SO00/TxD0/TOOLTxD
P50/INTP1/SI00/RxD0/TOOLRxD/SDA00
P120/ANI19
P41/(TI03)/(TO03)/(INTP4)/(PCLBUZ1)
P40/TOOL0
RESET
P124/XT2/EXCLKS
P123/XT1
P137/INTP0
P122/X2/EXCLK
P121/X1
REGC
VSS
VDD
exposed die pad
INDEX MARK
Caution
Connect the REGC pin to Vss via a capacitor (0.47 to 1
μF).
Remarks 1. For pin identification, see 1.4 Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR). Refer to Figure 4-8. Format of Peripheral I/O Redirection Register
(PIOR) in the RL78/G1C User’s Manual: Hardware.
3. It is recommended to connect an exposed die pad to VSS.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com