Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACMSP Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # R5F107ACMSP
Description  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACMSP Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button R5F107ACMSP Datasheet HTML 68Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 69Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 70Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 71Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 72Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 73Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 74Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 75Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 107 page
background image
RL78/G1C
2.
ELECTRICAL SPECIFICATIONS (A: TA = -40 to +85
°C)
Page 72 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
2.6.2
Temperature sensor/internal reference voltage characteristics
(TA =
−40 to +85°C, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V, HS (high-speed main) mode)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Temperature sensor output voltage VTMPS25
Setting ADS register = 80H, TA = +25
°C
1.05
V
Internal reference voltage
VBGR
Setting ADS register = 81H
1.38
1.45
1.5
V
Temperature coefficient
FVTMPS
Temperature sensor that depends on the
temperature
−3.6
mV/
°C
Operation stabilization wait time
tAMP
5
μs
2.6.3
POR circuit characteristics
(TA =
−40 to +85°C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VPOR
Power supply rise time
1.47
1.51
1.55
V
Detection voltage
VPDR
Power supply fall time
1.46
1.50
1.54
V
Minimum pulse width
Note
TPW
300
μs
Note Minimum time required for a POR reset when VDD exceeds below VPDR. This is also the minimum time
required for a POR reset from when VDD exceeds below 0.7 V to when VDD exceeds VPOR while STOP mode is
entered or the main system clock (fMAIN) is stopped through setting bit 0 (HIOSTOP) and bit 7 (MSTOP) in the
clock operation status control register (CSC).
TPW
VPOR
VPDR or 0.7 V
Supply voltage (VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com