Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F107ACMSP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F107ACMSP
Description  True Low Power Platform Ultra-Low Power Technology
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107ACMSP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F107ACMSP Datasheet HTML 1Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 2Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 3Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 4Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 5Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 6Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 7Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 8Page - Renesas Technology Corp R5F107ACMSP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 107 page
background image
RL78/G1C
1.
OUTLINE
Page 2 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
 ROM, RAM capacities
RL78/G1C
Flash ROM
Data flash
RAM
32-pin
48-pin
32 KB
2 KB
5.5 KB
Note
R5F10JBC, R5F10KBC
R5F10JGC, R5F10KGC
Note
This is about 4.5 KB when the self-programming function is used. (For details, see CHAPTER 3 CPU
ARCHITECTURE in the RL78/G1C User’s Manual: Hardware.)
Remark
The functions mounted depend on the product. See 1.6 Outline of Functions.
1.2
List of Part Numbers
Pin count
Package
USB Function
Fields of
Application
Note
Part Number
A
R5F10JBCANA#U0, R5F10JBCANA#W0
Host/Function controller
G
R5F10JBCGNA#U0, R5F10JBCGNA#W0
A
R5F10KBCANA#U0, R5F10KBCANA#W0
32-pin plastic HWQFN
(5 × 5, 0.5 mm pitch)
Function controller only
G
R5F10KBCGNA#U0, R5F10KBCGNA#W0
A
R5F10JBCAFP#V0, R5F10JBCAFP#X0
Host/Function controller
G
R5F10JBCGFP#V0, R5F10JBCGFP#X0
A
R5F10KBCAFP#V0, R5F10KBCAFP#X0
32 pins
32-pin plastic LQFP
(7 × 7, 0.8 mm pitch)
Function controller only
G
R5F10KBCGFP#V0, R5F10KBCGFP#X0
A
R5F10JGCAFB#V0, R5F10JGCAFB#X0
Host/Function controller
G
R5F10JGCGFB#V0, R5F10JGCGFB#X0
A
R5F10KGCAFB#V0, R5F10KGCAFB#X0s
48-pin plastic LFQFP
(7 × 7, 0.5 mm pitch)
Function controller only
G
R5F10JGCANA#U0, R5F10JGCANA#W0
A
R5F10JGCANA#U0, R5F10JGCANA#W0
Host/Function controller
G
R5F10JGCGNA#U0, R5F10JGCGNA#W0
A
R5F10KGCANA#U0, R5F10KGCANA#W0
48 pins
48-pin plastic HWQFN
(7 × 7, 0.5 mm pitch)
Function controller only
G
R5F10KGCGNA#U0, R5F10KGCGNA#W0
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G1C.
Caution The part number above is valid as of when this manual was issued. For the latest part number,
see the web page of the target product on the Renesas Electronics website.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com