Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMB065T-2R2MS Datasheet(PDF) 16 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 16 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 12Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 13Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 14Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 15Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 16Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 17Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 18Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 19Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
16
www.irf.com
© 2013 International Rectifier
May 08, 2013
THEORY OF OPERATION
DESCRIPTION
The IR3891 uses a PWM voltage mode control
scheme with external compensation to provide good
noise immunity and maximum flexibility in selecting
inductor values and capacitor types.
The switching frequency is programmable from
300KHz to 1.5MHz and provides the capability of
optimizing the design in terms of size and
performance.
IR3891 provides precisely regulated output voltage
programmed via two external resistors from 0.5V to
0.86*PVin.
The IR3891 operates with an internal low drop out
regulator (LDO) which is connected to the VCC pin.
This allows operation with a single supply. When
using the internal LDO supply, the Vin pin should be
connected the PVin pin. If an external bias is used, it
should be connected to the VCC pin and the Vin pin
should be shorted to the VCC pin.
The device utilizes the on-resistance of the low side
MOSFET (sync FET) as a current sense element.
This method enhances the converter’s efficiency and
reduces cost by eliminating the need for an external
current sense resistor.
IR3891 includes two low Rds(on) MOSFETs using
IR’s HEXFET technology.
These are specifically
designed for high efficiency applications.
UNDER-VOLTAGE LOCKOUT AND POR
The under-voltage lockout circuits monitor the voltage
on the VCC pin and the EN1/2 pins. They ensure that
the MOSFET driver outputs remain in the off state
whenever either of these signals drops below the set
thresholds. Normal operation resumes once VCC and
EN rise above their thresholds.
The POR (Power On Ready) signal is high when all
these signals reach the valid logic level (see system
block diagram).
ENABLE
The EN pin offers another level of flexibility for startup.
Each channel of the IR3891 is controlled by a
separate EN pin. When the voltage at an EN pin
voltage
exceeds
its
precise
threshold
(EN_UVLO_START), the respective channel turns on.
The precise threshold allows the user to implement an
Under-Voltage Lockout (UVLO) function. By deriving
the EN pin voltage from the bus voltage (PVin)
through a suitable resistor divider, the user can set a
PVin threshold voltage. The resistor divider scales the
PVin voltage for the EN pin.
Only after the bus
voltage reaches or exceeds this level will the voltage
at the Enable pin exceeds its threshold and enable the
respective IR3891 channel. By connecting IR3891 in
this configuration, the user can enable the part by
applying PVin and ensures the IR3891 does not turn
on until the bus voltage reaches the desired level
(Figure 4). Therefore, in addition to being a logic input
pin that enables channels on IR3891, the EN pin also
offers UVLO functionality. UVLO functionality is
particularly
desirable
for
high
output
voltage
applications, where it is beneficial to disable the
IR3891 until PVin exceeds the desired output voltage
level.
Figure 4: Normal Startup: IR3891 Channel starts when
PVin reaches 10.2V by connecting EN to PVin using a
resistor divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com