Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMB065T-2R2MS Datasheet(PDF) 20 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 20 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 16Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 17Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 18Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 19Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 20Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 21Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 22Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 23Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
20
www.irf.com
© 2013 International Rectifier
May 08, 2013
Figure 12: Timing diagram for Feed Forward (F.F.)
Function
LOW DROPOUT REGULATOR (LDO)
IR3891 has an integrated low dropout (LDO) regulator
which can provide gate drive voltage for both drivers.
When using an internally biased configuration, the
LDO draws from the Vin pin and provides a 5.3V
(typ.), as shown in Figure 13. Vin and PVin can be
connected together as shown in the internally biased
single rail configuration, Figure 14.
An external bias configuration can provide gate drive
voltage for the drivers instead of the internal LDO. To
use an external bias, connected to Vin and VCC to the
external bias, as shown in Figure 15. PVin can also
be connected or a different rail can be used.
When using multiple rail configurations, calculate the
compensation Vramp associated with Vin. Vramp is
derived from Vin which can be different from PVin,
refer to Feed-Forward section.
Figure 13: Internally Biased Configuration
Figure 14: Internally Biased Single Rail Configuration
Figure 15: Externally Biased Configuration
OUTPUT VOLTAGE SEQUENCING
IR3891 can accommodate user sequencing options
using Seq, EN1/2, and PGood1/2 pins. In the block
diagram presented on page 3, the error-amplifier (E/A)
has been depicted with three positive inputs. Ideally,
the input with the lowest voltage is used for regulating
the output voltage and the other two inputs are
ignored. In practice the voltages of the other two
inputs should be at least 200mV greater than the
referenced voltage input so that their effects can
completely be ignored.
In normal operating condition, the IR3891 channels
initially follow their internal soft-starts (Intl_SS) and
then references VREF.
After Enable goes high,
Intl_SS begins to ramp up from 0V.
The FB pin
follows the Intl_SS until it approaches VREF where
the E/A starts to reference the VREF instead of the
Intl_SS (refer to Figure 16).
VREF and Seq are not
referenced initially because they are higher than
Intl_SS. VREF is 0.5V, typical. Seq is internally pulled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com