Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMB065T-2R2MS Datasheet(PDF) 17 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 17 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 13Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 14Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 15Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 16Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 17Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 18Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 19Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 20Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
17
www.irf.com
© 2013 International Rectifier
May 08, 2013
Vcc
PVin=Vin
Intl_SS 1/2
EN1/2
> 1.2V
Vo 1/2
Figure 5: Recommended startup for Normal operation
Vcc
PVin=Vin
Intl_SS 2
EN2
> 1.2V
Intl_SS 1
EN1
> 1.2V
Vo1
Vo2
Figure 6: Recommended startup for sequencing
operation (ratiometric or simultaneous)
Figure 5 shows the recommended start-up sequence
for the normal (non-sequencing) operation of IR3891,
when EN pins are used as a logic input. Figure 6
shows the recommended startup sequence for
sequenced operation of IR3891.
PRE-BIAS STARTUP
IR3891 begins each start up by pre-charging the
output to prevent oscillation and disturbances to the
output voltage.
The buck converter starts in an
asynchronous fashion and keeps the synchronous
MOSFET (Sync FET) off until the first gate signal for
control MOSFET (Ctrl FET) is generated. Figure 7
shows a typical pre-bias sequence.
The sync FET
always starts with a narrow pulse width (12.5% of the
switching period). The pulse width increase after 16
pulses by 12.5% until the output reaches steady state
value. There are 16 pulses for each step. Figure 8
shows the series of 16 x 8 startup pulses.
Figure 7: Pre-bias Start Up
...
...
...
HDRv
...
...
...
16
End of
PB
LDRv
12.5%
25%
87.5%
16
...
...
...
...
Figure 8: Pre-bias startup pulses
SOFT-START
IR3891 has an internal digital soft-start to control the
output voltage rise and to limit the current surge
during start-up. To ensure the correct start-up, the
soft-start sequence initiates when the EN and VCC
rise above their UVLO thresholds and generates
Power On Ready (POR) signal. The internal soft-start
rises with the typical rate of 0.2mV/µS from 0V to
1.5V. Figure 9 shows the waveforms during soft-start.
The normal Vout start-up time is fixed, and is equal to:
mS
S
mV
V
V
Tstart
5
.
2
/
2
.
0
15
.
0
65
.
0
(1)
During the soft-start the over-current protection (OCP)
and the over-voltage protection (OVP) is enabled to
protect the device from short circuit or over voltage
events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com