Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMB065T-2R2MS Datasheet(PDF) 22 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 22 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 18Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 19Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 20Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 21Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 22Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 23Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 24Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 25Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
22
www.irf.com
© 2013 International Rectifier
May 08, 2013
Vcc
Vo1 (master)
Vo2 (slave)
(a)
Vo1 (master)
Vo2 (slave)
(b)
Intl_SS2
EN1
EN2
Figure 19: Typical waveforms for sequencing mode of
operation: (a) simultaneous, (b) ratiometric
OVER-VOLTAGE PROTECTION (OVP)
Over-Voltage protection (OVP) disables the channel
when the output voltage exceeds the over-voltage
threshold. IR3891 achieves OVP by comparing Vsns
pin to the internal over-voltage threshold set at
OVP(threshold), 1.2*VREF typical. Vsns voltage is
determined by an external voltage divider resistor
network connected to the output in typical application.
When Vsns exceeds the over-voltage threshold, an
over-voltage is detected and OV signal asserts after
OVP(delay). The high side drive signal HDrv is turned
off immediately and PGood flags low. The low side
drive signal is kept on until the Vsns voltage drops
below the lower threshold. After that, HDrv is latched
off until a reset is performed by cycling either VCC or
the respective EN.
Vsns
HDrv
LDrv
PGood
OVP(Threshold)
OVP(Hys)
2uS *
*typical filter delay
Figure 20: Timing diagram for OVP
OPEN FEEDBACK-LOOP PROTECTION
Open Feedback Loop protection (OFLP) is devised to
shutdown the channel in case the feedback is broken.
OFLP is activated when the Vsns is above the
VPG(upper) threshold, 0.85*VREF typical,
and
remains active while Vsns is above the VPG(lower)
threshold, 0.80*VREF.
When FB drop below
OFLP(threshold)
threshold,
0.70*VREF,
OFLP
disables switching and pulls down on PGood. The
part
remains
disabled
until
FB
rises
above
OFLP(threshold) plus OFLP(Hys), 0.75*VREF. This
function does not latch the part off nor does it require
an EN or a VCC toggle to re-enable the part.
Figure 21: Timing Diagram for Open Feedback Line
Protection (OFLP)
POWER GOOD OUTPUT
PGood is an open drain pin that monitors the UV,
FAULT and the POR signals. PGood signal asserts
approximately
1.3mS,
after
Vsns
rises
above
VGP(Upper) threshold, 0.85*VREF typical, while
FAULT is low and POR is high. It remains asserted
while FAULT is low and POR is high and Vsns stays
above VGP(Lower) threshold, 0.80*VREF typical.
When Vsns falls below VGP(Lower) threshold there is
a typical 2µS delay before PGood goes low. The two
PGood signals are independent of each other and are
set according to their respective channel.
SWITCH NODE PHASE SHIFT
The two converters on the IR3891 run interleaving
phases by 180° to reduce input filter requirements.
The two converters are synchronized to the user
programmable oscillator. Channel 1 runs in phase with
the oscillator while channel 2 runs out of phase.
Staggering the switching cycles reduces the time the
converters
draw
current
from
the
supply
simultaneously. The pulses of current drawn from the
input induce voltage ripples across the input capacitor.
The voltage ripple shapes are dependent on the
different loading and output voltages of the two
converters. By switching the converters at different
times, the magnitude of voltage ripples reduces and
input filter requirements become less stringent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com