Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMB065T-2R2MS Datasheet(PDF) 18 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 18 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 14Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 15Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 16Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 17Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 18Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 19Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 20Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 21Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
18
www.irf.com
© 2013 International Rectifier
May 08, 2013
Figure 9: Theoretical operation waveforms during soft-
start (non-sequencing)
OPERATING FREQUENCY
The switching frequency can be programmed between
300KHz-1.5MHz by connecting an external resistor
from Rt/Sync pin to GND.
Table 1 tabulates the
oscillator frequency versus Rt.
Table 1: Switching Frequency (Fs) vs. External
Resistor (Rt)
Rt (KΩ)
Freq
(KHz)
80.6
300
60.4
400
48.7
500
39.2
600
34
700
29.4
800
26.1
900
23.2
1000
21
1100
19.1
1200
17.6
1300
16.2
1400
15
1500
EXTERNAL SYNCHRONIZATION
IR3891 incorporates an internal phase lock loop (PLL)
circuit which enables synchronization of the internal
oscillator to an external clock.
This function is
important to avoid sub-harmonic oscillations due to
beat frequency for embedded systems when multiple
point-of-load (POL) regulators are used. A multiple-
function pin, Rt/Sync, is used to connect the external
clock.
If the external clock is present before the
converter turns on, Rt/Sync pin can be connected to
the external clock solely and no resistor is required. If
the external clock is applied after the converter turns
on, or the converter switching frequency needs to
toggle between the external clock frequency and the
internal free-running frequency, an external resistor
from Rt/Sync pin to GND is required to set the free
running frequency.
When an external clock is applied to Rt/Sync pin after
the converter runs in steady state with its free-running
frequency, a transition from the free-running frequency
to the external clock frequency will happen.
The
switching frequency gradually synchronizes to the
external clock frequency regardless of which one is
faster. On the contrary, when the external clock signal
is removed from Rt/Sync pin, the switching frequency
gradually returns to the free-running frequency. In
order to minimize the impact from these transitions to
output voltage, a diode is recommended to add
between the external clock and Rt/Sync pin. Figure 10
shows the timing diagram of these transitions.
SW
SYNC
...
...
Gradually change
Fs1
Fs2
Fs1
Free Running
Frequency
Synchronize to the
external clock
Return to free-
running freq
Gradually change
Figure 10: Timing diagram for synchronization to an
external clock (Fs1>Fs2 or Fs1<Fs2)
An internal compensation circuit is used to change the
PWM ramp slope according to the clock frequency
applied on Rt/Sync pin. Thus, the effective amplitude
of the PWM ramp (Vramp), which is used in
compensation loop calculation, has minor impact from
the variation of the external synchronization signal.
Vin variation also affects the ramp amplitude, which is
discussed separately in Feed-Forward section.
SHUTDOWN
IR3891 shutdown occurs when VCC drops below its
threshold or a fault occurs. When VCC falls below
VCC_UVLO_STOP, the part detects an UVLO event
and the part turns off. Over-Voltage Protection, Over-
Current Protection and Thermal Shutdown also cause
the IR3891 shutdown. Faults are discussed in more
detail below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com