Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMB065T-2R2MS Datasheet(PDF) 5 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 5 Page - International Rectifier

  PCMB065T-2R2MS Datasheet HTML 1Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 2Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 3Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 4Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 5Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 6Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 7Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 8Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
5
www.irf.com
© 2013 International Rectifier
May 08, 2013
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied.
PVin
-0.3V to 25V
Vin
-0.3V to 25V
VCC
-0.3V to 8V (Note 1)
SW
-0.3V to 25V (DC), -4V to 25V (AC, 100ns)
BOOT
-0.3V to 33V
BOOT to SW
-0.3V to VCC + 0.3V (Note 2)
EN, PGood
-0.3V to VCC + 0.3V (Note 2)
Other Input/Output pins
-0.3V to 3.9V
PGnd to GND
-0.3V to + 0.3V
Junction Temperature Range
-40°C to 150°C
Storage Temperature Range
-55°C to 150°C
ESD
Machine Model
Class A
Human Body Model
Class 1C
Charged Device Model
Class III
Moisture Sensitivity level
JEDEC Level 2 @ 260°C
RoHS Compliant
Yes
Note:
1. VCC must not exceed 7.5V for Junction Temperature between -10°C and -40°C.
2. Must not exceed 8V.
THERMAL INFORMATION
Thermal Resistance, Junction to Case Top (θJC_TOP)
36 °C/W
Thermal Resistance, Junction to PCB (θJB)
3.6 °C/W
Thermal Resistance, Junction to Ambient (θJA) (Note 3)
24.7 °C/W
Note:
3. Thermal resistance (θJA) is measured with components mounted on a high effective thermal conductivity
test board in free air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com