Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCMB065T-2R2MS Datasheet(PDF) 27 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  Dual output, 4A/Phase, Highly Integrated SupIRBuck
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 27 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 23Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 24Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 25Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 26Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 27Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 28Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 29Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 30Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 31Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
Dual output, 4A/Phase, Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
IR3891
27
www.irf.com
© 2013 International Rectifier
May 08, 2013
VOUT
VREF
R6
R5
C
PO LE
C3
R3
Ve
FZ
F
PO LE
E/A
Z f
Frequency
Gain(dB )
H(s) dB
Fb
Com p
Z IN
Figure 27: Type II compensation network
and its asymptotic gain plot
The transfer function (Ve/Vout) is given by:
3
5
3
3
1
)
(
C
sR
C
sR
Z
Z
s
H
V
V
IN
f
out
e
(20)
The (s) indicates that the transfer function varies as a
function of frequency. This configuration introduces a
gain and zero, expressed by:
5
3
)
(
R
R
s
H
(21)
3
3
2
1
C
R
F
z
(22)
First select the desired zero-crossover frequency (Fo):
ESR
o
F
F
and
s
o
F
F
)
10
/
1
~
5
/
1
(
(23)
Use the following equation to calculate R3:
2
5
3
LC
in
ESR
o
ramp
F
V
R
F
F
V
R
(24)
Where:
Vin = Maximum Input Voltage
Vosc = Amplitude of the oscillator Ramp Voltage
Fo = Crossover Frequency
FESR = Zero Frequency of the Output Capacitor
FLC = Resonant Frequency of the Output Filter
R5 = Feedback Resistor
To cancel one of the LC filter poles, place the zero
before the LC filter resonant frequency pole:
LC
Z
F
F
 %
75
o
o
Z
C
L
F
2
1
75
.
0
(25)
Use equation (22), (23) and (24) to calculate C3.
One more capacitor is sometimes added in parallel
with C3 and R3. This introduces one more pole which
is mainly used to suppress the switching noise.
The additional pole is given by:
POLE
POLE
p
C
C
C
C
F
3
3
2
1
(26)
The pole sets to one half of the switching frequency
which results in the capacitor CPOLE:
S
S
POLE
F
R
C
F
R
C
3
3
3
1
1
1
(27)
For an unconditional stability general solution using
any type of output capacitors with a wide range of
ESR values, use local feedback with type III
compensation
network.
Type
III
compensation
network is typically used for voltage-mode controller
as shown in Figure 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com