Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFS600-FGG484ES Datasheet(PDF) 45 Page - Microsemi Corporation

Part # AFS600-FGG484ES
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484ES Datasheet(HTML) 45 Page - Microsemi Corporation

Back Button AFS600-FGG484ES Datasheet HTML 41Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 42Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 43Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 44Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 45Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 46Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 47Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 48Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 49Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-29
PLL Macro
The PLL functionality of the clock conditioning block is supported by the PLL macro. Note that the PLL
macro reference clock uses the CLKA input of the CCC block, which is only accessible from the global
A[2:0] package pins. Refer to Figure 2-22 on page 2-27 for more information.
The PLL macro provides five derived clocks (three independent) from a single reference clock. The PLL
feedback loop can be driven either internally or externally. The PLL macro also provides power-down
input and lock output signals. During power-up, POWERDOWN should be asserted Low until VCC is up.
See Figure 2-19 on page 2-24 for more information.
Inputs:
•
CLKA: selected clock input
•
POWERDOWN (active low): disables PLLs. The default state is power-down on (active low).
Outputs:
•
LOCK (active high): indicates that PLL output has locked on the input reference signal
•
GLA, GLB, GLC: outputs to respective global networks
•
YB, YC: allows output from the CCC to be routed back to the FPGA core
As previously described, the PLL allows up to five flexible and independently configurable clock outputs.
Figure 2-23 on page 2-28 illustrates the various clock output options and delay elements.
As illustrated, the PLL supports three distinct output frequencies from a given input clock. Two of these
(GLB and GLC) can be routed to the B and C global networks, respectively, and/or routed to the device
core (YB and YC).
There are five delay elements to support phase control on all five outputs (GLA, GLB, GLC, YB, and YC).
There is also a delay element in the feedback loop that can be used to advance the clock relative to the
reference clock.
The PLL macro reference clock can be driven by an INBUF macro to create a composite macro, where
the I/O macro drives the global buffer (with programmable delay) using a hardwired connection. In this
case, the I/O must be placed in one of the dedicated global I/O locations.
The PLL macro reference clock can be driven directly from the FPGA core.
The PLL macro reference clock can also be driven from an I/O routed through the FPGA regular routing
fabric. In this case, users must instantiate a special macro, PLLINT, to differentiate it from the hardwired
I/O connection described earlier.
The visual PLL configuration in SmartGen, available with the Libero SoC and Designer tools, will derive
the necessary internal divider ratios based on the input frequency and desired output frequencies
selected by the user. SmartGen allows the user to select the various delays and phase shift values
necessary to adjust the phases between the reference clock (CLKA) and the derived clocks (GLA, GLB,
GLC, YB, and YC). SmartGen also allows the user to select where the input clock is coming from.
SmartGen automatically instantiates the special macro, PLLINT, when needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com