Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFS600-FGG484ES Datasheet(PDF) 73 Page - Microsemi Corporation

Part # AFS600-FGG484ES
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484ES Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button AFS600-FGG484ES Datasheet HTML 69Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 70Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 71Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 72Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 73Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 74Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 75Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 76Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-57
FlashROM Characteristics
Figure 2-46 • FlashROM Timing Diagram
Table 2-26 • FlashROM Access Time
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tSU
Address Setup Time
0.53
0.61
0.71
ns
tHOLD
Address Hold Time
0.00
0.00
0.00
ns
tCK2Q
Clock to Out
21.42
24.40
28.68
ns
FMAX
Maximum Clock frequency
15.00
15.00
15.00
MHz
tSU
tHOLD
Address
A0
tCK2Q
D0
D0
A1
tSU
tHOLD
tCK2Q
D1
tSU
tHOLD
tCK2Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com