Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFS600-FGG484ES Datasheet(PDF) 46 Page - Microsemi Corporation

Part # AFS600-FGG484ES
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484ES Datasheet(HTML) 46 Page - Microsemi Corporation

Back Button AFS600-FGG484ES Datasheet HTML 42Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 43Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 44Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 45Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 46Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 47Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 48Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 49Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 50Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 334 page
background image
Device Architecture
2-30
Revision 4
CCC and PLL Characteristics
Timing Characteristics
Table 2-12 • Fusion CCC/PLL Specification
Parameter
Min.
Typ.
Max.
Unit
Clock Conditioning Circuitry Input Frequency fIN_CCC
1.5
350
MHz
Clock Conditioning Circuitry Output Frequency fOUT_CCC
0.75
350
MHz
Delay Increments in Programmable Delay Blocks1, 2
1603
ps
Number of Programmable Values in Each Programmable
Delay Block
32
Input Period Jitter
1.5
ns
CCC Output Peak-to-Peak Period Jitter FCCC_OUT
Max Peak-to-Peak Period Jitter
1 Global
Network
Used
3 Global
Networks
Used
0.75 MHz to 24 MHz
1.00%
1.00%
24 MHz to 100 MHz
1.50%
1.50%
100 MHz to 250 MHz
2.25%
2.25%
250 MHz to 350 MHz
3.50%
3.50%
Acquisition Time
LockControl = 0
300
µs
LockControl = 1
6.0
ms
Tracking Jitter4
LockControl = 0
1.6
ns
LockControl = 1
0.8
ns
Output Duty Cycle
48.5
51.5
%
Delay Range in Block: Programmable Delay 1 1, 2
0.6
5.56
ns
Delay Range in Block: Programmable Delay 2 1, 2
0.025
5.56
ns
Delay Range in Block: Fixed Delay 1, 2
2.2
ns
Notes:
1. This delay is a function of voltage and temperature. See Table 3-7 on page 3-9 for deratings.
2. TJ = 25°C, VCC = 1.5 V
3. When the CCC/PLL core is generated by Microsemi core generator software, not all delay values of the specified delay
increments are available. Refer to the Libero SoC Online Help associated with the core for more information.
4. Tracking jitter is defined as the variation in clock edge position of PLL outputs with reference to PLL input clock edge.
Tracking jitter does not measure the variation in PLL output period, which is covered by period jitter parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com