Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFS600-FGG484ES Datasheet(PDF) 59 Page - Microsemi Corporation

Part # AFS600-FGG484ES
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484ES Datasheet(HTML) 59 Page - Microsemi Corporation

Back Button AFS600-FGG484ES Datasheet HTML 55Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 56Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 57Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 58Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 59Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 60Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 61Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 62Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 63Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-43
All flash memory block input signals are active high, except for RESET.
STATUS[1:0]
2
Out
Status of the last operation completed:
00: Successful completion
01: Read-/Unprotect-Page: single error detected and corrected
Write: operation addressed a write-protected page
Erase-Page: protection violation
Program: Page Buffer is unmodified
Protection violation
10: Read-/Unprotect-Page: two or more errors detected
11: Write: attempt to write to another page before programming
current page
Erase-Page/Program: page write count has exceeded the 10-year
retention threshold
UNPROTECTPAGE
1
In
When asserted, the page addressed is copied into the Page Buffer
and the Page Buffer is made writable.
WD[31:0]
32
In
Write data
WEN
1
In
When asserted, stores WD in the page buffer.
Table 2-19 • Flash Memory Block Pin Names (continued)
Interface Name
Width Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com