Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFS600-FGG484ES Datasheet(PDF) 95 Page - Microsemi Corporation

Part # AFS600-FGG484ES
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484ES Datasheet(HTML) 95 Page - Microsemi Corporation

Back Button AFS600-FGG484ES Datasheet HTML 91Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 92Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 93Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 94Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 95Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 96Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 97Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 98Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 99Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-79
Analog Block
With the Fusion family, Microsemi has introduced the world's first mixed-mode FPGA solution.
Supporting a robust analog peripheral mix, Fusion devices will support a wide variety of applications. It is
this Analog Block that separates Fusion from all other FPGA solutions on the market today.
By combining both flash and high-speed CMOS processes in a single chip, these devices offer the best
of both worlds. The high-performance CMOS is used for building RAM resources. These high-
performance structures support device operation up to 350 MHz. Additionally, the advanced Microsemi
0.13 µm flash process incorporates high-voltage transistors and a high-isolation, triple-well process. Both
of these are suited for the flash-based programmable logic and nonvolatile memory structures.
High-voltage transistors support the integration of analog technology in several ways. They aid in noise
immunity so that the analog portions of the chip can be better isolated from the digital portions,
increasing analog accuracy. Because they support high voltages, Microsemi flash FPGAs can be
connected directly to high-voltage input signals, eliminating the need for external resistor divider
networks, reducing component count, and increasing accuracy. By supporting higher internal voltages,
the Microsemi advanced flash process enables high dynamic range on analog circuitry, increasing
precision and signal–noise ratio. Microsemi flash FPGAs also drive high-voltage outputs, eliminating the
need for external level shifters and drivers.
The unique triple-well process enables the integration of high-performance analog features with
increased noise immunity and better isolation. By increasing the efficiency of analog design, the triple-
well process also enables a smaller overall design size, reducing die size and cost.
The Analog Block consists of the Analog Quad I/O structure, RTC (for details refer to the "Real-Time
Counter System" section on page 2-33), ADC, and ACM. All of these elements are combined in the
single Analog Block macro, with which the user implements this functionality (Figure 2-64).
The Analog Block needs to be reset/reinitialized after the core powers up or the device is programmed.
An external reset/initialize signal, which can come from the internal voltage regulator when it powers up,
must be applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com