Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFS600-FGG484ES Datasheet(PDF) 10 Page - Microsemi Corporation

Part # AFS600-FGG484ES
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484ES Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button AFS600-FGG484ES Datasheet HTML 6Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 7Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 8Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 9Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 10Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 11Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 12Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 13Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 334 page
background image
Fusion Device Family Overview
1-4
Revision 4
– RC oscillator
– Crystal oscillator
– No-Glitch MUX (NGMUX)
•
Digital I/Os with advanced I/O standards
•
FPGA VersaTiles
•
Analog components
–ADC
– Analog I/Os supporting voltage, current, and temperature monitoring
– 1.5 V on-board voltage regulator
– Real-time counter
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input logic
lookup table (LUT) equivalent or a D-flip-flop or latch (with or without enable) by programming the
appropriate flash switch interconnections. This versatility allows efficient use of the FPGA fabric. The
VersaTile capability is unique to the Microsemi families of flash-based FPGAs. VersaTiles and larger
functions are connected with any of the four levels of routing hierarchy. Flash switches are distributed
throughout the device to provide nonvolatile, reconfigurable interconnect programming. Maximum core
utilization is possible for virtually any design.
In addition, extensive on-chip programming circuitry allows for rapid (3.3 V) single-voltage programming
of Fusion devices via an IEEE 1532 JTAG interface.
Unprecedented Integration
Integrated Analog Blocks and Analog I/Os
Fusion devices offer robust and flexible analog mixed signal capability in addition to the high-
performance flash FPGA fabric and flash memory block. The many built-in analog peripherals include a
configurable 32:1 input analog MUX, up to 10 independent MOSFET gate driver outputs, and a
configurable ADC. The ADC supports 8-, 10-, and 12-bit modes of operation with a cumulative sample
rate up to 600 k samples per second (Ksps), differential nonlinearity (DNL) < 1.0 LSB, and Total
Unadjusted Error (TUE) of 0.72 LSB in 10-bit mode. The TUE is used for characterization of the
conversion error and includes errors from all sources, such as offset and linearity. Internal bandgap
circuitry offers 1% voltage reference accuracy with the flexibility of utilizing an external reference voltage.
The ADC channel sampling sequence and sampling rate are programmable and implemented in the
FPGA logic using Designer and Libero SoC software tool support.
Two channels of the 32-channel ADCMUX are dedicated. Channel 0 is connected internally to VCC and
can be used to monitor core power supply. Channel 31 is connected to an internal temperature diode
which can be used to monitor device temperature. The 30 remaining channels can be connected to
external analog signals. The exact number of I/Os available for external connection signals is device-
dependent (refer to the "Fusion Family" table on page I for details).
With Fusion, Microsemi also introduces the Analog Quad I/O structure (Figure 1-1 on page 1-5). Each
quad consists of three analog inputs and one gate driver. Each quad can be configured in various built-in
circuit combinations, such as three prescaler circuits, three digital input circuits, a current monitor circuit,
or a temperature monitor circuit. Each prescaler has multiple scaling factors programmed by FPGA
signals to support a large range of analog inputs with positive or negative polarity. When the current
monitor circuit is selected, two adjacent analog inputs measure the voltage drop across a small external
sense resistor. For more information, refer to the "Analog System Characteristics" section on
page 2-120. Built-in operational amplifiers amplify small voltage signals for accurate current
measurement. One analog input in each quad can be connected to an external temperature monitor
diode. In addition to the external temperature monitor diode(s), a Fusion device can monitor an internal
temperature diode using dedicated channel 31 of the ADCMUX.
Figure 1-1 on page 1-5 illustrates a typical use of the Analog Quad I/O structure. The Analog Quad
shown is configured to monitor and control an external power supply. The AV pad measures the source
of the power supply. The AC pad measures the voltage drop across an external sense resistor to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com