Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFS600-FGG484ES Datasheet(PDF) 63 Page - Microsemi Corporation

Part # AFS600-FGG484ES
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484ES Datasheet(HTML) 63 Page - Microsemi Corporation

Back Button AFS600-FGG484ES Datasheet HTML 59Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 60Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 61Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 62Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 63Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 64Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 65Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 66Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 67Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-47
Access to the FB is controlled by the BUSY signal. The BUSY output is synchronous to the CLK signal.
FB operations are only accepted in cycles where BUSY is logic 0.
Write Operation
Write operations are initiated with the assertion of the WEN signal. Figure 2-35 on page 2-47 illustrates
the multiple Write operations.
When a Write operation is initiated to a page that is currently not in the Page Buffer, the FB control logic
will issue a BUSY signal to the user interface while the page is loaded from the FB Array into the Page
Buffer. A Copy Page operation takes no less than 55 cycles and could take more if a Write or Unprotect
Page operation is started while the NVM is busy pre-fetching a block. The basic operation is to read a
block from the array into the block register (5 cycles) and then write the block register to the page buffer
(1 cycle) and if necessary, when the copy is complete, reading the block being written from the page
buffer into the block buffer (1 cycle). A page contains 9 blocks, so 9 blocks multiplied by 6 cycles to
read/write each block, plus 1 is 55 cycles total. Subsequent writes to the same block of the page will incur
no busy cycles. A write to another block in the page will assert BUSY for four cycles (five cycles when
PIPE is asserted), to allow the data to be written to the Page Buffer and have the current block loaded
into the Block Buffer.
Write operations are considered successful as long as the STATUS output is '00'. A non-zero STATUS
indicates that an error was detected during the operation and the write was not performed. Note that the
STATUS output is "sticky"; it is unchanged until another operation is started.
Only one word can be written at a time. Write word width is controlled by the DATAWIDTH bus. Users are
responsible for keeping track of the contents of the Page Buffer and when to program it to the array. Just
like a regular RAM, writing to random addresses is possible. Users can write into the Page Buffer in any
order but will incur additional BUSY cycles. It is not necessary to modify the entire Page Buffer before
saving it to nonvolatile memory.
Write errors include the following:
1. Attempting to write a page that is Overwrite Protected (STATUS = '01'). The write is not
performed.
2. Attempting to write to a page that is not in the Page Buffer when Page Loss Protection is enabled
(STATUS = '11'). The write is not performed.
Figure 2-35 • FB Write Waveform
CLK
WEN
ADDR[17:0]
WD[31:0]
DATAWIDTH[1:0]
PAGELOSSPROTECT
BUSY
STATUS[1:0]
A0
A1
A2
A3
A4
A5
A6
D0
D1
D2
D3
D4
D5
D6
S0
S1
S2
S3
S4
S5
S6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com