Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFS600-FGG484ES Datasheet(PDF) 47 Page - Microsemi Corporation

Part # AFS600-FGG484ES
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484ES Datasheet(HTML) 47 Page - Microsemi Corporation

Back Button AFS600-FGG484ES Datasheet HTML 43Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 44Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 45Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 46Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 47Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 48Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 49Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 50Page - Microsemi Corporation AFS600-FGG484ES Datasheet HTML 51Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-31
No-Glitch MUX (NGMUX)
Positioned downstream from the PLL/CCC blocks, the NGMUX provides a special switching sequence
between two asynchronous clock domains that prevents generating any unwanted narrow clock pulses.
The NGMUX is used to switch the source of a global between three different clock sources. Allowable
inputs are either two PLL/CCC outputs or a PLL/CCC output and a regular net, as shown in Figure 2-24.
The GLMUXCFG[1:0] configuration bits determine the source of the CLK inputs (i.e., internal signal or
GLC). These are set by SmartGen during design but can also be changed by dynamically reconfiguring
the PLL. The GLMUXSEL[1:0] bits control which clock source is passed through the NGMUX to the global
network (GL). See Table 2-13.
Figure 2-24 • NGMUX
Table 2-13 • NGMUX Configuration and Selection Table
GLMUXCFG[1:0]
GLMUXSEL[1:0]
Selected Input
Signal
MUX Type
00
X
0
GLA
2-to-1 GLMUX
X1
GLC
01
X
0
GLA
2-to-1 GLMUX
X
1
GLINT
Crystal Oscillator
RC Oscillator
W I/O Ring
CCC/PLL
Clock I/Os
From FPGA Core
PLL/
CCC
GLINT
GLA
GLC
NGMUX
GLMUXCFG[1:0]
PWR UP
GLMUXSEL[1:0]
GL
To Clock Rib Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com