Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LJT07R Datasheet(PDF) 3 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 3 Page - Amphenol Corporation

  LJT07R Datasheet HTML 1Page - Amphenol Corporation LJT07R Datasheet HTML 2Page - Amphenol Corporation LJT07R Datasheet HTML 3Page - Amphenol Corporation LJT07R Datasheet HTML 4Page - Amphenol Corporation LJT07R Datasheet HTML 5Page - Amphenol Corporation LJT07R Datasheet HTML 6Page - Amphenol Corporation LJT07R Datasheet HTML 7Page - Amphenol Corporation LJT07R Datasheet HTML 8Page - Amphenol Corporation LJT07R Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
1
Amphenol® JT/LJT
high reliability and high contact density
with maximum weight and space savings
Amphenol® JT Connector
Amphenol® LJT Connector
Amphenol® LJT and JT Series subminiature cylindrical
connectors are qualified to MIL-DTL-38999*, Series I and
II respectively. These connectors were developed to meet
the needs of the aerospace industries, and provided the
impetus for development of the MIL-C-38999 specifica-
tions, which recently were superseded by MIL-DTL-38999.
Meeting or exceeding MIL-DTL-38999 requirements, Am-
phenol® JT/LJT connectors feature:
• Lightweight, Space Saving Design
• Contact Protection - 100% scoop-proof LJT design
prevents bent pins and short circuits during mating
• Quick Positive Coupling - 3 point bayonet lock system
• Mismating Eliminated - with 5 key/keyway design
• Error Proof Alternate Positioning - insured by different
key/keyway locations
• EMI Shielding - grounding fingers standard in LJT
Series; optional in JT Series
• Nine Shell Sizes and a Variety of Shell Styles
• Contact Options - size 8, 10, 12, 16, 20, 22M and 22D
Crimp, Solder, PCB, Wire wrap, Coax, Twinax, Triax,
Thermocouple, Fiber Optic and Filter
• Fixed Solder Contacts - per MIL-C-27599 (see page 52
and Amphenol Product Data Sheet 158)
• Hermetic - air leakage limited to 1 X 10-7 cm3 per
second optional
• “Breakaway” Lanyard Release Style - available in LJT
plugs. Provides quick disconnect of the connector plug
and receptacle with axial pull on the lanyard. See pages
38-41.
• Inventory Support Commonality - uses standard MIL-
DTL-38999 contacts, insert arrangements and applica-
tion tools.
• RoHS Compliant Product Available -
Consult Amphenol Aerospace Operations.
Where proof of high reliability and lot control is required, MS
approved equivalents to most proprietary JT and LJT connectors
are available.
* MIL-DTL-38999 Series I supersedes MIL-C-38999 Series I.
MIL-DTL-38999 Series II supersedes MIL-C-38999 Series II.
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E
For additional information on Amphenol JT/LJT connectors,
or for special application requirements, contact your local sales
office or:
Amphenol Corporation
Amphenol Aerospace
40 – 60 Delaware Avenue, Sidney, NY 13838-1395
Telephone: 607-563-5011
Fax: 607-563-5157
www.amphenol-aerospace.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com