Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LJT07R Datasheet(PDF) 9 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 5Page - Amphenol Corporation LJT07R Datasheet HTML 6Page - Amphenol Corporation LJT07R Datasheet HTML 7Page - Amphenol Corporation LJT07R Datasheet HTML 8Page - Amphenol Corporation LJT07R Datasheet HTML 9Page - Amphenol Corporation LJT07R Datasheet HTML 10Page - Amphenol Corporation LJT07R Datasheet HTML 11Page - Amphenol Corporation LJT07R Datasheet HTML 12Page - Amphenol Corporation LJT07R Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
7
JT/LJT
insert arrangements
Insert Arrangement (JT)
8-2
8-3
8-6
8-35
8-44
8-97
8-98
Insert Arrangement (LJT)
9-3
9-6
9-7
9-22
9-35
9-44
9-98
Service Rating
MMMM
I
MMM
I
Number of Contacts
2367264
2
2
3
Contact Size
20
20
22M
22M
20
22D
22
22M
20
20
black arrangements – JT or LJT
green arrangements – JT only
blue arrangements – LJT only
Insert Arrangement (JT)
10-4
10-5
10-13
10-35
10-98
10-99
Insert Arrangement (LJT)
11-2
11-4
11-5
11-6
11-13
11-35
11-98
11-99
Service Rating
I
I
I
I
M
M
I
I
Number of Contacts
2
4
5
6
13
13
6
7
Contact Size
16
20
20
20
22M
22D
20
20
Insert Arrangement (JT)
12-3
12-4
12-8
12-22
12-35
12-98
14-4
14-5
Insert Arrangement (LJT)
13-3
13-4
13-8
13-22
13-35
13-98
15-4
15-5
Service Rating
II
I
I
M
M
I
I
II
Number of Contacts
3
4
8
22
22
10
4
5
Contact Size
16
16
20
22M
22D
20
12
16
Insert Arrangement (JT)
14-15
14-18
14-19
14-35
14-37
14-68
14-97
Insert Arrangement (LJT)
15-15
15-18
15-19
15-35
15-37
15-68
15-97
Service Rating
I
I
I
M
M
I
I
Number of Contacts
14
1
18
19
37
37
8
8
4
Contact Size
20
16
20
20
22D
22M
16
20
16
A
B
A
B
C
1
2
3
4
5
6
1
2
3
4
5
6
7
A
B
5
1
6
4
3
2
1
2
3
4
A
B
C
D
C A
B
A
B
A
B
C
D
A
B
C
D
E
F
1
2
3
4
5
6
7
8
9
10
11
12
13
1
2
3
4
5
6
7
8
9
10
11
12
13
A
B
C
D
EF
A
B
C
D
E
F
G
A
B
C
A
B
C
D
A
B
C
D
E
F
G
H
22
1
20
1
21
22
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
A
B
C
D
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
B
C
D
E
F
G
H
J
K
L
MN
P
R
S
TU
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
1
21
31
A
B
C
D
E
F
G
H
J
K
L
M
1
11
21
31
A
B
C
D
E
F
G
H
CONTACT LEGEND
8
10
12
16
20
22
22M
22D
front face of pin inserts illustrated
A
B
C
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com