Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LJT07R Datasheet(PDF) 41 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 41 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 37Page - Amphenol Corporation LJT07R Datasheet HTML 38Page - Amphenol Corporation LJT07R Datasheet HTML 39Page - Amphenol Corporation LJT07R Datasheet HTML 40Page - Amphenol Corporation LJT07R Datasheet HTML 41Page - Amphenol Corporation LJT07R Datasheet HTML 42Page - Amphenol Corporation LJT07R Datasheet HTML 43Page - Amphenol Corporation LJT07R Datasheet HTML 44Page - Amphenol Corporation LJT07R Datasheet HTML 45Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
39
LJT Fail Safe 88-5388/91-5388
(MS27661)
lanyard release plug
A
D Max.
V Thread
Shell
Dia.
B
Accessory
L
UNEF
Size
Max.
Max.
Dia.
Max.
Class 2A (Plated)
11
1.393
1.797
.740
1.703
.5625-24
13
1.558
1.969
.926
1.703
.6875-24
15
1.669
2.078
1.051
1.703
.8125-20
17
1.797
2.203
1.176
1.703
.9375-20
19
1.926
2.323
1.300
1.703
1.0625-18
21
2.054
2.469
1.426
1.703
1.1875-18
23
2.183
2.594
1.551
1.703
1.3125-18
25
2.293
2.703
1.676
1.766
1.4375-18
* To complete order number see page 40-41.
All dimensions for reference only.
B
A
V
D
L
OUTER SLEEVE
MOVEMENT
DURING MATING
.275 MAX.
LANYARD
PULLED TAUT
AGAINST A
.500 ±.031
DIA. MANDREL
MS LANYARD LENGTH
6.250 STD.
FOR PROPRIETARY LANYARD LENGTH
SEE LANYARD LENGTH TABLE
.575
+.007
–.003
SOCKET INSERT
.019
+.012
–.003
PIN INSERT
.594
+.003
–.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com