Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LJT07R Datasheet(PDF) 6 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 2Page - Amphenol Corporation LJT07R Datasheet HTML 3Page - Amphenol Corporation LJT07R Datasheet HTML 4Page - Amphenol Corporation LJT07R Datasheet HTML 5Page - Amphenol Corporation LJT07R Datasheet HTML 6Page - Amphenol Corporation LJT07R Datasheet HTML 7Page - Amphenol Corporation LJT07R Datasheet HTML 8Page - Amphenol Corporation LJT07R Datasheet HTML 9Page - Amphenol Corporation LJT07R Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
4
ROTATION
LETTERS
NORMAL
B
A
D
C
AB
10˚ JT REF
RELATIVE POSSIBLE POSITION
OF ROTATED MASTER KEYWAY
(front face of receptacle shown)
JT
8-2
8-3
8-6
8-35
8-44
8-97
8-98
10-4
10-5
10-13
10-35
10-98
10-99
12-3
12-4
12-8
12-22
12-35
12-98
14-4
14-5
14-15
14-18
14-19
14-35
14-37
14-68
14-97
Class Class
Solder Crimp
H
Y*
P
X
N/A
P
P
X
XXP
P
XXP
P
X
X
XP
P
XP
P
XP
P
X
X
SXP
P
XXP
P
X
P**
3
X2
XXP
P
XX
S
XXP
P
XXP
P
XP
P
XP
P
XXP
P
XXP
P
XP
P
P
XXP
P
P
XXP
P
XXP
P
XXP
P
XXP
P
XP
P
XXP
P
XP
P
XP
P
XXP
P
XXP
P
2
2
XXP
P
XX
XXP
P
XXP
P
XXP
P
XXP
P
XX
X
XP
P
XP
P
XXP
P
XXP
P
2
X3
2P
P
XXP
P
LJT
9-3
9-6
9-7
9-22
9-35
9-44
9-98
11-2
★
11-4
11-5
11-6
11-13
11-35
11-98
11-99
13-3
13-4
★
13-8
13-22
13-35
13-98
15-4
15-5
★
15-15
15-18
15-19
15-35
15-37
15-68
15-97
Total
Contact Size
Service Con-
8
Rating tacts
22D
22M
22
20
16
12 (Coax)
M2
2
M3
3
M6
6
M7
7
I2
2
M6
6
M4
4
M4
2
2
I3
3
I2
2
I4
4
I5
5
I6
6
M13
13
M13
13
I6
6
I7
7
II
3
3
I4
4
I8
8
M22
22
M22
22
I10
10
I4
4
II
5
5
I15
14
1
I18
18
I19
19
M37
37
M37
37
18
8
I12
8
4
JT/LJT
insert availability and identification,
alternate positioning
(P) Pin inserts only (consult Amphenol, Sidney, NY for
socket availability)
(2) Not tooled for RP or 02RE
(3) Pin inserts only, not tooled for RP or 02RE (consult
Amphenol, Sidney, NY for availability)
*
Same as H with interfacial seal
** Tooled with special terminal only (consult Amphenol,
Sidney, NY for availability of standard terminal)
★ Ground plane proprietary option available. See page
55 for further information on ground plane connectors.
A plug with a given rotation letter will mate with a receptacle
with the same rotation letter. The AB angle for a given
connector is the same whether it contains pins or sockets.
Only the master key/keyway rotates in the shell, and the
insert always remains in the same position relative to the
minor keys.
AB angles shown are viewed from the front face of the
connector, a receptacle is shown below. The angles for the
plug are exactly the same except the direction of rotation is
opposite of that shown for the receptacle.
Shell
Size
Normal
A
B
C
D
8
100°
82°
–
–
118°
10
100°
86°
72°
128°
114°
12
100°
80°
68°
132°
120°
14
100°
79°
66°
134°
121°
16
100°
82°
70°
130°
118°
18
100°
82°
70°
130°
118°
20
100°
82°
70°
130°
118°
22
100°
85°
74°
126°
115°
24
100°
85°
74°
126°
115°
AB ANGLE OF ROTATION (Degrees)
JT MASTER KEY/KEYWAY ROTATION
Hermetics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com