Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LJT07R Datasheet(PDF) 33 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 33 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 29Page - Amphenol Corporation LJT07R Datasheet HTML 30Page - Amphenol Corporation LJT07R Datasheet HTML 31Page - Amphenol Corporation LJT07R Datasheet HTML 32Page - Amphenol Corporation LJT07R Datasheet HTML 33Page - Amphenol Corporation LJT07R Datasheet HTML 34Page - Amphenol Corporation LJT07R Datasheet HTML 35Page - Amphenol Corporation LJT07R Datasheet HTML 36Page - Amphenol Corporation LJT07R Datasheet HTML 37Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
31
VIEW D ENLARGED
FOR COAXIAL USE ONLY
1.656 MAX
V
.918
±.031
N
M
.717
+.006
–.000
1.219 MAX
C
S
S
D
LJT01R — crimp
line receptacle
* LJT01RE-XX-XXX
* LJT01RT-XX-XXX
M
N
V Thread Ref.
Shell
C
+.000
+.001
S
Class 2A
Size
Max.
–.005
–.005
±.016
(Plated)
9
1.094
.632
.572
.938
.4375-28 UNEF
11
1.188
.632
.700
1.031
.5625-24 UNEF
13
1.281
.632
.850
1.125
.6875-24 UNEF
15
1.375
.632
.975
1.219
.8125-20 UNEF
17
1.469
.632
1.100
1.312
.9375-20 UNEF
19
1.594
.632
1.207
1.438
1.0625-18 UNEF
21
1.719
.602
1.332
1.562
1.1875-18 UNEF
23
1.844
.602
1.457
1.688
1.3125-18 UNEF
25
1.969
.602
1.582
1.812
1.4375-18 UNEF
* To complete order number see page 53.
All dimensions for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com