Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LJT07R Datasheet(PDF) 20 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 20 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 16Page - Amphenol Corporation LJT07R Datasheet HTML 17Page - Amphenol Corporation LJT07R Datasheet HTML 18Page - Amphenol Corporation LJT07R Datasheet HTML 19Page - Amphenol Corporation LJT07R Datasheet HTML 20Page - Amphenol Corporation LJT07R Datasheet HTML 21Page - Amphenol Corporation LJT07R Datasheet HTML 22Page - Amphenol Corporation LJT07R Datasheet HTML 23Page - Amphenol Corporation LJT07R Datasheet HTML 24Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
18
GROUNDING
FINGERS
L1
FKK
GROUNDING
FINGERS
.257
+.003
–.002
±.025
.325
KK1
.938 MAX.
Q
V
GROUNDING
FINGERS
L
.257
+.003
–.002
±.025
.325
.257
+.003
–.002
±.025
.325
JTG06R (MS27484) – crimp
straight plug (with grounding fingers)
* JTG06RE-XX-XXX (MS27484E)
** JTNG06RE-XX-XXX
* JTG06RP-XX-XXX (MS27484P)
** JTNG06RP-XX-XXX
* JTG06RT-XX-XXX (MS27484T)
** JTNG06RT-XX-XXX
* To complete order number see page 53.
** Clear iridite finish (gold color), N
2O4 resistant; to complete order number see page 53.
Q
V Thread Modified
KK
KK1
Shell
F
L
L1
Dia.
Class 2A
Modified
Dia.
Dia.
Size
Dia.
Max.
Max.
Max.
UNEF
Major Dia.
Max.
Max.
8
.444
.891
1.000
.734
.4375-28
.421 – .417
.625
.578
10
.558
.891
1.000
.844
.5625-24
.542 – .538
.750
.703
12
.683
.891
1.000
1.016
.6875-24
.667 – .663
.875
.828
14
.808
.891
1.000
1.141
.8125-20
.791 – .787
1.000
.953
16
.909
.891
1.000
1.265
.9375-20
.916 – .912
1.125
1.078
18
1.034
.891
1.000
1.391
1.0625-18
1.034 – 1.030
1.250
1.203
20
1.159
.891
1.000
1.500
1.1875-18
1.158 – 1.154
1.375
1.328
22
1.284
.891
1.000
1.625
1.3125-18
1.283 – 1.279
1.500
1.453
24
1.409
.891
1.062
1.750
1.4375-18
1.408 – 1.404
1.625
1.578
All dimensions for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com