Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LJT07R Datasheet(PDF) 32 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 32 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 28Page - Amphenol Corporation LJT07R Datasheet HTML 29Page - Amphenol Corporation LJT07R Datasheet HTML 30Page - Amphenol Corporation LJT07R Datasheet HTML 31Page - Amphenol Corporation LJT07R Datasheet HTML 32Page - Amphenol Corporation LJT07R Datasheet HTML 33Page - Amphenol Corporation LJT07R Datasheet HTML 34Page - Amphenol Corporation LJT07R Datasheet HTML 35Page - Amphenol Corporation LJT07R Datasheet HTML 36Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
30
VIEW D ENLARGED
FOR COAXIAL USE ONLY
.844 MAX
L MAX
Z
V
N
N
P
M
.905
+.006
–.000
L MAX
FKK
S
R
(TP)
SS
R
(TP)
T
(4 HOLES)
P
M
.905
+.006
–.000
D
Z
1
S
LJTPQ00R (MS27656) — crimp
wall mounting receptacle (back panel mounting)
F
M
P Max
S
T
V Thread
KK
SS Dia.
Shell
Dia.
L
L1
+.000
N
Panel
R
+.011
Dia.
Class 2A
Z
Dia.
+.000
Size
±.010
Max.
Max.
–.005
Dia.
Thickness
(TP)
–.010
±.005
(Plated)
Max
Max
–.016
9
.444
.453
.641
.820
.572
.234
.719
.938
.128
.4375-28 UNEF
.138
.625
.662
11
.558
.453
.641
.820
.700
.234
.812
1.031
.128
.5625-24 UNEF
.138
.750
.810
13
.683
.453
.641
.820
.850
.234
.906
1.125
.128
.6875-24 UNEF
.138
.875
.960
15
.808
.453
.641
.820
.975
.234
.969
1.219
.128
.8125-20 UNEF
.138
1.000
1.085
17
.909
.453
.641
.820
1.100
.234
1.062
1.312
.128
.9375-20 UNEF
.138
1.125
1.210
19
1.034
.453
.641
.820
1.207
.234
1.156
1.438
.128
1.0625-18 UNEF
.138
1.250
1.317
21
1.159
.484
.672
.790
1.332
.204
1.250
1.562
.128
1.1875-18 UNEF
.168
1.375
1.442
23
1.284
.484
.672
.790
1.457
.204
1.375
1.688
.147
1.3125-18 UNEF
.168
1.500
1.567
25
1.409
.484
.672
.790
1.582
.193
1.500
1.812
.147
1.4375-18 UNEF
.168
1.625
1.692
* LJTPQ00RE-XX-XXX (MS27656E)
* LJTPQ00RT-XX-XXX (MS27656T)
* LJTPQ00RP-XX-XXX (MS27656P)
* To complete order number see page 53.
All dimensions for reference only.
Note: MS27656 superseded MS 27515.
.005 DIA M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com