Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LJT07R Datasheet(PDF) 7 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 3Page - Amphenol Corporation LJT07R Datasheet HTML 4Page - Amphenol Corporation LJT07R Datasheet HTML 5Page - Amphenol Corporation LJT07R Datasheet HTML 6Page - Amphenol Corporation LJT07R Datasheet HTML 7Page - Amphenol Corporation LJT07R Datasheet HTML 8Page - Amphenol Corporation LJT07R Datasheet HTML 9Page - Amphenol Corporation LJT07R Datasheet HTML 10Page - Amphenol Corporation LJT07R Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
5
ROTATION
LETTERS
NORMAL
B
A
D
C
AB
5˚ LJT REF
RELATIVE POSSIBLE POSITION
OF ROTATED MASTER KEYWAY
(front face of receptacle shown)
Service Con-
8
8
Rating tacts
22D 22M
22
20
16
12 (Coax) (Twinax)
M39
38
1
I6
6
II
8
8
I13
13
Coax
4
2
M24
22
2
I26
26
M55
55
M42
42
M55
55
I23
21
2
II
11
11
M18
14
4
I28
26
2
I30
29
1
I32
32
M66
66
M53
53
M66
66
M67
67
I18
18
I9
9
M79
79
M65
65
I11
11
II
16
16
I24
24
I25
25
I27
27
M79
79
I39
37
2
I41
41
JT
16-6
16-8
16-13
16-26
16-35
16-42
16-55
16-99
18-11
18-28
18-30
18-32
18-35
18-53
18-66
18-68
18-96
20-1
20-2
20-11
20-16
20-35
20-39
20-41
Class Class
Solder Crimp
H
Y*
X
XP
P
XP
P
XXP
P
XXP
P
2
2
2
XXP
P
XXP
P
XP
P
XXP
P
X
P
XXP
P
XXP
XXP
P
XX
XXP
P
XXP
P
2
XXP
P
XP
XX
XP
XXP
P
XXP
P
XP
P
XP
P
XX
P
XXP
P
XP
P
X3
2
3
2
XP
X
X
2
3
2
XXP
P
XXP
P
X
X
X
X
X
XXP
P
XX
XXP
P
XX
LJT
17-2
17-6
17-8
★
17-13
17-22
17-25
17-26
17-35
17-42
17-55
17-99
19-11
★
19-18
19-28
19-30
19-32
19-35
19-53
19-66
19-67
19-68
21-1
21-2
21-11
★
21-16
★
21-24
21-25
21-27
21-35
21-39
21-41
JT/LJT
insert availability and identification,
alternate positioning
(P) Pin inserts only (consult Amphenol, Sidney, NY for
socket availability)
(2) Not tooled for RP or 02RE
(3) Pin inserts only, not tooled for RP or 02RE (consult
Amphenol, Sidney, NY for availability)
*
Same as H with interfacial seal
★ Ground plane proprietary option available. See page
55 for further information on ground plane connectors.
A plug with a given rotation letter will mate with a receptacle
with the same rotation letter. The AB angle for a given
connector is the same whether it contains pins or sockets.
Only the master key/keyway rotates in the shell, and the
insert always remains in the same position relative to the
minor keys.
AB angles shown are viewed from the front face of the
connector, a receptacle is shown below. The angles for the
plug are exactly the same except the direction of rotation is
opposite of that shown for the receptacle.
Shell
Size
Normal
A
B
C
D
9
95°
77°
–
–
113°
11
95°
81°
67°
123°
109°
13
95°
75°
63°
127°
115°
15
95°
74°
61°
129°
116°
17
95°
77°
65°
125°
113°
19
95°
77°
65°
125°
113°
21
95°
77°
65°
125°
113°
23
95°
80°
69°
121°
110°
25
95°
80°
69°
121°
110°
AB ANGLE OF ROTATION (Degrees)
LJT MASTER KEY/KEYWAY ROTATION
Hermetics
2
Coax
Contact Size
Total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com