Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LJT07R Datasheet(PDF) 11 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 7Page - Amphenol Corporation LJT07R Datasheet HTML 8Page - Amphenol Corporation LJT07R Datasheet HTML 9Page - Amphenol Corporation LJT07R Datasheet HTML 10Page - Amphenol Corporation LJT07R Datasheet HTML 11Page - Amphenol Corporation LJT07R Datasheet HTML 12Page - Amphenol Corporation LJT07R Datasheet HTML 13Page - Amphenol Corporation LJT07R Datasheet HTML 14Page - Amphenol Corporation LJT07R Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
9
JT/LJT
insert arrangements
Insert Arrangement (JT)
20-11
20-16
Insert Arrangement (LJT)
21-11
21-16
21-24
21-25
21-27
Service Rating
I
II
I
I
I
Number of Contacts
11
16
24
25
27
Contact Size
12
16
20
20
20
Insert Arrangement (JT)
20-35
20-39
20-41
Insert Arrangement (LJT)
21-35
21-39
21-41
21-75
21-79
Service Rating
M
I
I
N
II
Number of Contacts
79
37
2
41
4
17
Contact Size
22D
20
16
20
(See Note)
22D
Insert Arrangement (JT)
22-1
22-2
22-14
Insert Arrangement (LJT)
23-1
23-2
23-6
23-14
Service Rating
M
M
M
I
Number of Contacts
100
85
6
14
Contact Size
22M
22
8 Twinax
12
Note: MS connector 21-75 is supplied with four size 8 twinax contacts.
Proprietary connector 21-75 is supplied with four size 8 coax contacts.
MS connector 21-79 has provision for two size 8 coax contacts.
Coax contacts are not supplied unless specified by customer.
(See Note)
A
B
C
D
E
F
G
H
J
K
L
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
1
11
21
31
41
51
61
71
79
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
i
j
k
m
n
p
q
r
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
i
j
k
m
n
p
q
r
s
t
A
B
C
D
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
1
2
3
4
5
6
7
8
15
16
24
25
34
35
45
46
55
56
66
67
76
77
85
86
93
94
95
96
97
98
99
100
1
4
5
11
12
19
20
28
29
38
39
47
48
57
58
66
67
74
75
81
82
85
A
B
C
D
E
F
A
B
K
C
J
L
P
M
N
D
H
E
G
F
CONTACT LEGEND
8
10
12
16
20
22
22M
22D
black arrangements – JT or LJT
green arrangements – JT only
blue arrangements – LJT only
front face of pin inserts illustrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com