Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVALAD5933EB Datasheet(PDF) 10 Page - Analog Devices

Part # EVALAD5933EB
Description  Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVALAD5933EB Datasheet(HTML) 10 Page - Analog Devices

Back Button EVALAD5933EB Datasheet HTML 6Page - Analog Devices EVALAD5933EB Datasheet HTML 7Page - Analog Devices EVALAD5933EB Datasheet HTML 8Page - Analog Devices EVALAD5933EB Datasheet HTML 9Page - Analog Devices EVALAD5933EB Datasheet HTML 10Page - Analog Devices EVALAD5933EB Datasheet HTML 11Page - Analog Devices EVALAD5933EB Datasheet HTML 12Page - Analog Devices EVALAD5933EB Datasheet HTML 13Page - Analog Devices EVALAD5933EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
EVAL-AD5933EB
Preliminary Technical Data
Rev. PrC | Page 10 of 32
Figure 12. Expected Warning Message
After the hardware has been successfully installed, the Found
New Hardware
message, stating that your new hardware is
installed and ready to use, appears, as shown in Figure 13.
Figure 13. Successful Hardware Installation
STEP 3—VERIFY THE LINKS AND POWER UP THE
EVALUATION BOARD
Ensure that the relevant links are in place on the evaluation
board (see Table 2 and Table 4) and that the proper power
connections and supply values are made to the terminal blocks
before applying power to the evaluation board.
The power supply terminal blocks are outlined in Table 1. Note
that the USB connector will supply power only to the Cypress
USB controller chip that interfaces to the AD5933. It does not
act as a supply source to the AD5933 if LK4, LK5, LK10, LK11,
and LK12 are removed.
The user can provide a dedicated external voltage supply to
each terminal block, if required. The user must ensure that all
relevant power supply connections and links are made before
running the evaluation software.
For optimum performance, it is recommended that the user
supply the three supply signals (AVDD1, AVDD2, and DVDD)
from a stable external reference supply via the power supply
terminal blocks on the board as outlined in Table 1.
STEP 4—PERFORM A FREQUENCY SWEEP
The sequence for performing a linear frequency sweep across
a 200 kΩ resistive impedance connected across the VOUT and
VIN pins within the frequency range of 30 kHz to 30.2 kHz is
outlined in this section. The default software settings for the
evaluation board are shown in Figure 14 (note that a 200 kΩ
resistor must be connected across the VIN and VOUT pins of
the AD5933). The default link positions are outlined in Table 4
and should be reviewed before continuing with Step 4.
The sequence for opening the software is to go to Start >
Programs
> Analog Devices > AD5933 and then click
AD5933 Evaluation Software
.
When the graphic user interface program is open and runs
successfully, the dialog box shown in Figure 14 appears. The
figure shows the interface panel along with a frequency sweep
impedance profile for a 200 kΩ resistive impedance (note that
RFB = 200 kΩ).
This section describes how to set up a typical sweep across a
200 kΩ impedance (when RFB = 200 kΩ) using the installed
AD5933 software. The theory of operation and the internal
system architecture of the AD5933 device are described in detail
in the AD5933 data sheet. This is available at www.analog.com
and should be consulted when using the evaluation board.
Set the start frequency to 30000 Hz in the Start Frequency (Hz)
box (see Arrow 1A). The start frequency is 24-bit accurate.
Set the frequency sweep step size to 2 (Hz) in the Delta Frequency
box (see Arrow 1A). The frequency step size is also 24-bit accurate.
To set the number of increments along the sweep to 200, type 200
into the Number Increments (9 Bit) box (see Arrow 1A). The
maximum number of increments that the device can sweep across
is 511. The value entered is stored in a register as a 9-bit value.
The delay between the time that a frequency increment takes
place on the output of the internal DDS core and the time that
the ADC samples the response signal at this new frequency is
determined by the contents of the Number of Settling Time
Cycles
registers (0x8Ah and 0x8Bh). See the AD5933 data sheet
for further details on the settling time cycle register.
For example, if the user programs a value of 15 into the Number
of Settling Time Cycles
box in the main dialog box and the next
output frequency is 32 kHz, the delay between the time that the
DDS core starts to output the 32 kHz signal and the time that the
ADC samples the response signal is 15 × (1/32 kHz) ≈ 468.7 μs.
The maximum Number of Settling Time Cycles that can be
programmed to the board is 511 cycles. The value is stored in a
register as a 9-bit value. This value can be further multiplied by
a factor of 2 or 4.
Type 15 (cycles) into the Number of Settling Time Cycles box
(see Arrow 1A). If you are sweeping across a high-Q structure,
such as a resonant impedance, it is your responsibility to ensure
that the contents of the settling time cycles register are sufficient
for the impedance being tested to settle before incrementing
between each successive frequency in the programmed sweep.
This is achieved by increasing the value within the Number of
Settling Time Cycles
box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com