| Electronic Components Datasheet Search |
|
EVALAD5933EB Datasheet(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EVALAD5933EB Datasheet(HTML) 11 Page - Analog Devices |
|
11 / 32 page ![]() Preliminary Technical Data EVAL-AD5933EB Rev. PrC | Page 11 of 32 4 3 2 1B 1A Figure 14. AD5933 Evaluation Software Main Dialog Box (The Impedance Profile of a 200 kΩ Resistor Is Displayed.) Choose the external oscillator as the system clock. Select External Clock in the System clock section of the front panel (see Arrow 1B). Set the output excitation voltage range of the AD5933 at Pin 6 (VOUT) to 2 V p-p (see Arrow 1B). The four possible output ranges available are 2 V p-p, 1 V p-p, 0.4 V p-p, and 0.2 V p-p typically. In the PGA Control section, select the Gain = ×1 option to set the gain on the receive stage (see Arrow 1B). Refer to the Calibration Impedance box (see Arrow 1B). Prior to making any measurements, calibrate the AD5933 with a known (that is, accurately measured) calibration impedance connected between the VIN and VOUT pins of the AD5933. The choice of calibration impedance topology (for example, R1 in series with C1, R1 in parallel with C1, etc.) depends on the application in question. However, you must ensure that each component of the measured calibration impedance is entered correctly into each chosen topology component text box (see Arrow 1B). For example, in Figure 14 the Resistor only R1 option is selected to measure the impedance of a 200 kΩ resistive impedance across frequency. For this example, type 200E3 (Ω) into the Resistor Value R1 box. To program the sweep parameters as chosen above into the appropriate on-board registers of the AD5933 through the I2C interface, click Program Device Registers (see Arrow 2). The value programmed into the Number of Settling Time Cycles box can be set so that the settling time is multiplied by a factor of 2 or 4 for a sweep (Arrow 3A). Select the ×1 (Default) option. Now that the frequency sweep parameters and gain settings are programmed, the next step is to calibrate the AD5933 system by calculating the gain factor. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |