Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMD7X2P-J Datasheet(PDF) 22 Page - ITT Industries

Part # DAMMD7X2P-J
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMD7X2P-J Datasheet(HTML) 22 Page - ITT Industries

Back Button DAMMD7X2P-J Datasheet HTML 18Page - ITT Industries DAMMD7X2P-J Datasheet HTML 19Page - ITT Industries DAMMD7X2P-J Datasheet HTML 20Page - ITT Industries DAMMD7X2P-J Datasheet HTML 21Page - ITT Industries DAMMD7X2P-J Datasheet HTML 22Page - ITT Industries DAMMD7X2P-J Datasheet HTML 23Page - ITT Industries DAMMD7X2P-J Datasheet HTML 24Page - ITT Industries DAMMD7X2P-J Datasheet HTML 25Page - ITT Industries DAMMD7X2P-J Datasheet HTML 26Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 103 page
background image
22
Cannon Combo D®
High Power 90° PCB Receptacle DD
Plug
40AHigh power 90° PCB Receptacle, size DD, with metal bracket
40 A High power inserted with US footprint
metal bracket and UNC 4-40 captive nut
INDUSTRIAL
MILITARY/HI-REL
NON-MAGNETIC/LOW OUTGASSING*
Shell
Layout
P/N without
P/N with
P/N without
P/N with UNC
P/N with
P/N with
size
Boardlock
Boardlock
Boardlock
Boardlock
Cadmium Plating
Gold Plating
DD 24WK7
DDMP24H7S-JA197
DDMC24H7S-JA197
DDMMP24H7S-J
DDMMC24H7S-J DDM24H7S-JNMB
DDM24H7S-JNMBK52
DD 36W4
DDMP36H4S-JA197
DDMC36H4S-JA197
DDMMP36H4S-J
DDMMC36H4S-J DDM36H4S-JNMB
DDM36H4S-JNMBK52
DD 43W2
DDMP43H2S-JA197
DDMC43H2S-JA197
DDMMP43H2S-J
DDMMC43H2S-J DDM43H2S-JNMB
DDM43H2S-JNMBK52
DD 47W1
DDMP47H1S-JA197
DDMC47H1S-JA197
DDMMP47H1S-J
DDMMC47H1S-J DDM47H1S-JNMB
DDM47H1S-JNMBK52
* Hardware Modifier not allowed with Non Magnetic/ Low Outgassing Combo-D; contact factory for more information
Shell
A
B
C
D
E
F
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.015)
± 0,25 (.010)
DD
66,93(2.635)
52,42(2.064)
61,11(2,406)
10,74(.423)
15,37(.605)
10,90(.429)
6,94(.273)
0,76(.030)
Dimensions
•Forcontactcavityarrangements,seepage62.
•Forpcbholepattern,seepage85-87.
•Formountingmethods,seepages59-60.
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com