Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMD7X2P-J Datasheet(PDF) 33 Page - ITT Industries

Part # DAMMD7X2P-J
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMD7X2P-J Datasheet(HTML) 33 Page - ITT Industries

Back Button DAMMD7X2P-J Datasheet HTML 29Page - ITT Industries DAMMD7X2P-J Datasheet HTML 30Page - ITT Industries DAMMD7X2P-J Datasheet HTML 31Page - ITT Industries DAMMD7X2P-J Datasheet HTML 32Page - ITT Industries DAMMD7X2P-J Datasheet HTML 33Page - ITT Industries DAMMD7X2P-J Datasheet HTML 34Page - ITT Industries DAMMD7X2P-J Datasheet HTML 35Page - ITT Industries DAMMD7X2P-J Datasheet HTML 36Page - ITT Industries DAMMD7X2P-J Datasheet HTML 37Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 103 page
background image
33
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Power Plug Pressfit Plug DE-DC
Electrical Data
Insulation resistance
≈ 1 x 1010 W / 100 V
Contact resistance
1 mW
Dielectric Withstanding Voltage
1000 VAC (sea level)
Current Load
A– Multilayer 6 x 35 µm x 4,5 mm
B – Double layer 2 x 35 µm x 4,5 mm
40AHigh Power Plug, Pressfit Termination
Plug
Part Numbers
Boardlock 4-40 UNC
Boardlock M3
Stand-off 4-40
Stand-off M3
DAME3W3P-PO-161 DAMX-3W3P-PO-161 DAME-3W3P-PO-183 DAMX-3W3P-PO-183
DAME3WK3P-PO-161 DAMX-3WK3P-PO-161 DAME-3WK3P-PO-183 DAMX-3WK3P-PO-183
DBME5W5P-PO-161 DBMX-5W5P-PO-161 DBME-5W5P-PO-183 DBMX-5W5P-PO-183
DCME8W8P-PO-161 DCMX-8W8P-PO-161 DCME-8W8P-PO-183 DCMX-8W8P-PO-183
Shell
A
B
C
D
E
F
W
W
L
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,38 (.0145)
± 0,41 (.016)
± 0,25 (.010)
DA
39,14(1.541)
25,25(.994)
33,32(1.312)
8,36(.329)
12,55(.494)
10,72(.422)
6,693(.2635)
—
0,76(.030)
DB
53,04(2.088)
38,96(1.534)
47,04(1.852)
8,36(.329)
12,55(.494)
10,82(.426)
—
6,84(.269)
0,99(.039)
DC
69,32(2.729)
55,42(2.182)
63,50(2,500)
8,36(.329)
12,55(.494)
10,82(.426)
—
6,84(.269)
0,99(.039)
Dimensions
•Forcontactcavityarrangements,seepage61.
•Forpcbholepattern,seepages82-84.
•Formountingmethods,seepages59-60.
A
B
A3
A1
A2
3WK3
3W3
Combo, Stift
X
X
E
E
-161
-183
M3
4-40UNC-3B
M3
4-40UNC-3B
Cannon
3W3P
A3
A2
ITT
A1
13,72
B
A
C
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com