Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMD7X2P-J Datasheet(PDF) 54 Page - ITT Industries

Part # DAMMD7X2P-J
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMD7X2P-J Datasheet(HTML) 54 Page - ITT Industries

Back Button DAMMD7X2P-J Datasheet HTML 50Page - ITT Industries DAMMD7X2P-J Datasheet HTML 51Page - ITT Industries DAMMD7X2P-J Datasheet HTML 52Page - ITT Industries DAMMD7X2P-J Datasheet HTML 53Page - ITT Industries DAMMD7X2P-J Datasheet HTML 54Page - ITT Industries DAMMD7X2P-J Datasheet HTML 55Page - ITT Industries DAMMD7X2P-J Datasheet HTML 56Page - ITT Industries DAMMD7X2P-J Datasheet HTML 57Page - ITT Industries DAMMD7X2P-J Datasheet HTML 58Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 103 page
background image
54
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
PHD Fiber Optic Terminus Adapter
Multi Mode
Single Mode
62,5/125
SMF 28
Ferrule(O.D.)
1.25mm
1.25mm
InsertionLoss(dBtyp.)
0.30
0.35
MaximumLoss(dBmax.)
0.50
0.60
ReturnLoss(dBtyp.)
25
55
ReturnLoss(dBmin.)
20
50
ChannelServicing
Single
ChannelRepair
Single
CyclicDurability
1000
Multi-functional Interconnect Series
Combining: 30Amp power contact
RF contacts (straight/right angle)
Size 22 LF signal contacts (straight/right angle)
Size 22 Fiber Optic Termini (Single & Multi Mode)
Hybrid Connector (Electrical/Fiber Optic)
Size 8 Terminus Adapter allows any PHD Optical Terminus to be coupled into any Combo D connector.
Fiber Optic
PinAdapter
Fiber Optic
SocketAdapter
1. Packaging identification includes manufacturer’s name and part number.
2. Material / Finish:
Ferrule: Zirconia Ceramic / N.A.
Terminus assembly: BrassAlloy / Gold plating
Adapter assembly: Stainless steel / Passivate-hardware
3. Insertion / Removal tool: 274-0053-0000
4. Consult factor for assembly and termination tools or factory
build cable assemblies.
5. Application include: Military/Aero space Fiber Optic Interconnect
environments.
Product Notes
PHD Adapter Part Numbers
Genderless Terminus
for use with PHD Adapters & Combo-D Connectors
Ferrule I.D.
SingleMode
125
031-9727-007
SMF28
MultiMode
127
031-9727-008
50/125&62.5/125
MultiMode
142
031-9727-003
100/140
PHD Adapter Part Numbers
Pin
Socket
140285-0000
140286-0000
Fiber Optic
PinAdapter
Fiber Optic
SocketAdapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com