Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAMMD7X2P-J Datasheet(PDF) 25 Page - ITT Industries

Part # DAMMD7X2P-J
Description  A Historical Achievement of Technology Leadership
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMD7X2P-J Datasheet(HTML) 25 Page - ITT Industries

Back Button DAMMD7X2P-J Datasheet HTML 21Page - ITT Industries DAMMD7X2P-J Datasheet HTML 22Page - ITT Industries DAMMD7X2P-J Datasheet HTML 23Page - ITT Industries DAMMD7X2P-J Datasheet HTML 24Page - ITT Industries DAMMD7X2P-J Datasheet HTML 25Page - ITT Industries DAMMD7X2P-J Datasheet HTML 26Page - ITT Industries DAMMD7X2P-J Datasheet HTML 27Page - ITT Industries DAMMD7X2P-J Datasheet HTML 28Page - ITT Industries DAMMD7X2P-J Datasheet HTML 29Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 103 page
background image
25
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
40AHigh power 90° Receptacle, European footprint, sizes DE-DC, with bracket
40 A High power inserted with US footprint
metal bracket and UNC 4-40 captive nut
Part numbers with bracket and captive nut M3
Part numbers with bracket with dia. 3,05
Part numbers with bracket with post M3
Shell Layout Metal Bracket
Plastic Bracket
Metal Bracket
Plastic Bracket
Metal Bracket
Plastic Bracket
size
DE 2W2 DEM-2P2S-1A9N-A191-A197 DEM-2P2S-1ATN-A191-A197 DEM-2P2-1AFN-A191-A197 DEM-2P2S-1A5N-A191-A197 DEM-2P2S-1AHN-A191-A197 DEM-2P2S-1APN-A191-A197
DE 2WK2 DEM-2PK2S-1A9N-A191-A197 DEM-2PK2S-1ATN-A191-A197 DEM-2PK2-1AFN-A191-A197 DEM-2PK2S-1A5N-A191-A197 DEM-2PK2S-1AHN-A191-A197 DEM-2PK2S-1APN-A191-A197
DE 5W1 DEM-5P1S-1A9N-A191-A197 DEM-5P1S-1ATN-A191-A197 DEM-5P1S-1AFN-A191-A197 DEM-5P1S-1A5N-A191-A197 DEM-5P1S-1AHN-A191-A197 DEM-5P1S-1APN-A191-A197
DA 7W2 DAM-7P2S-1A9N-A191-A197 DAM-7P2S-1ATN-A191-A197 DAM-7P2S-1AFN-A191-A197 DAM-7P2S-1A5N-A191-A197 DAM-7P2S-1AHN-A191-A197 DAM-7P2S-1APN-A191-A197
DA 11W1 DAM-11P1S-1A9N-A191-A197 DAM-11P1S-1ATN-A191-A197 DAM-11P1S-1AFN-A191-A197 DAM-11P1S-1A5N-A191-A197 DAM-11P1S-1AHN-A191-A197 DAM-11P1S-1APN-A191-A197
DA 3W3 DAM-3P3S-1A9N-A191-A197 DAM-3P3S-1ATN-A191-A197 DAM-3P3S-1AFN-A191-A197 DAM-11P1S-1A5N-A191-A197 DAM-3P3S-1AHN-A191-A197 DAM-3P3S-1APN-A191-A197
DA 3WK3 DAM-3PK3S-1A9N-A191-A197 DAM-3PK3S-1ATN-A191-A197 DAM-3PK3S-1AFN-A191-A197 DAM-3PK3S-1A5N-A191-A197 DAM-3PK3S-1AHN-A191-A197 DAM-3PK3S-1APN-A191-A197
DB 5W5 DBM-5P5S-1A9N-A191-A197 DBM-5P5S-1ATN-A191-A197 DBM-5P5S-1AFN-A191-A197 DBM-5P5S-1A5N-A191-A197 DBM-5P5S-1AHN-A191-A197 DBM-5P5S-1APN-A191-A197
DB 9W4 DBM-9P4S-1A9N-A191-A197 DBM-9P4S-1ATN-A191-A197 DBM-9P4S-1AFN-A191-A197 DBM-9P4S-1A5N-A191-A197 DBM-9P4S-1AHN-A191-A197 DBM-9P4S-1APN-A191-A197
DB 13W3 DBM-13P3S-1A9N-A191-A197 DBM-13P3S-1ATN-A191-A197 DBM-13P3S-1AFN-A191-A197 DBM-13P3S-1A5N-A191-A197 DBM-13P3S-1AHN-A191-A197 DBM-13P3S-1APN-A191-A197
DB 17W2 DBM-17P2S-1A9N-A191-A197 DBM-17P2S-1ATN-A191-A197 DBM-17P2S-1AFN-A191-A197 DBM-17P2S-1A5N-A191-A197 DBM-17P2S-1AHN-A191-A197 DBM-17P2S-1APN-A191-A197
DB 21W1 DBM-21P1S-1A9N-A191-A197 DBM-21P1S-1ATN-A191-A197 DBM-21P1S-1AFN-A191-A197 DBM-21P1S-1A5N-A191-A197 DBM-21P1S-1AHN-A191-A197 DBM-21P1S-1APN-A191-A197
DC 8W8 DCM-8P8S-1A9N-A191-A197 DCM-8P8S-1ATN-A191-A197 DCM-8P8S-1AFN-A191-A197 DCM-8P8S-1A5N-A191-A197 DCM-8P8S-1AHN-A191-A197 DCM-8P8S-1APN-A191-A197
DC 13W6 DCM-13P6S-1A9N-A191-A197 DCM-13P6S-1ATN-A191-A197 DCM-13P6S-1AFN-A191-A197 DCM-13P6S-1A5N-A191-A197 DCM-13P6S-1AHN-A191-A197 DCM-13P6S-1APN-A191-A197
DC 17W5 DCM-17P5S-1A9N-A191-A197 DCM-17P5S-1ATN-A191-A197 DCM-17P5S-1AFN-A191-A197 DCM-17P5S-1A5N-A191-A197 DCM-17P5S-1AHN-A191-A197 DCM-17P5S-1APN-A191-A197
DC 21WA4 DCM-21PA4S-1A9N-A191-A197 DCM-21PA4S-1ATN-A191-A197 DCM-21PA4S-1AFN-A191-A197 DCM-21PA4S-1A5N-A191-A197 DCM-21PA4S-1AHN-A191-A197 DCM-21PA4S-1APN-A191-A197
DC 25W3 DCM-25P3S-1A9N-A191-A197 DCM-25P3S-1ATN-A191-A197 DCM-25P3S-1AFN-A191-A197 DCM-25P3S-1A5N-A191-A197 DCM-25P3S-1AHN-A191-A197 DCM-25P3S-1APN-A191-A197
DC 27W2 DCM-27P2S--1A9N-A191-A197 DCM-27P2S--1ATN-A191-A197 DCM-27P2S--1AFN-A191-A197 DCM-27P2S--1A5N-A191-A197 DCM-27P2S--1AHN-A191-A197 DCM-27P2S--1APN-A191-A197
Forpushfitadd-146modifier.
Forcaptivenut4-40UNCthreadreplace1A9N
Forpushfit90° pcb hole diameter 3,2 mm
Forperformanceclass1replaceA191wtihA190.
with 1A7N and 1AHN with 1A8N.
replace 146 with 162.
For performance class 3 deleteA191.
Shell
A
B
C
D
E
F
L
W
size
± 0,38 (.015)
± 0,13 (.005)
± 0,13 (.005)
± 0,13 (.005)
± 0,38 (.015)
± 0,25 (.010)
± 0,2 (008)
± 0,40 (.016)
DE
30,8 (1.213)
16,35(.644)
25,0 (.984)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
DA
39,15(1.541)
24,65(.970)
33,3 (1.311)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
DB
53,05(2.089)
38,4 (1.512)
47,05(1.852)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
DC
69,3 (2.089)
54,85(2.159)
63,50(2,500)
7,9 (.311)
12,55(.494)
10,90(.429)
0,8 (.031)
6,95(.274)
Dimensions
European High Power 90° PCB Receptacle DE-DC
•Forcontactcavityarrangements,seepage62.
•Forpcbholepattern,seepages90-91.
•Formountingmethods,seepages59-60.
Receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com